Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 157 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 157 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 159Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 157 / 159 page
background image
ST7713
Ver 1.6
2008-05
157
13.3.3 RGB Interface (RCM = ‘1’)
13.3.3.1 RGBInterface for 6-bit Data Width
13.3.3.2 RGBInterface for 16-bit Data Width
Note:
RCM = ‘1x’
3Ah=”50h”
DGND
Host
ST7713
RESX
TE
D/CX(SCL)
HS
DE
PCLK
D5 to D1
“0”
RESX
TE
CSX
SDA
VS
HS
DE
PLCK
D5 to D1
D0, D12
P68, IM2
IM1,IM0
WRX(R/WX)
RDX(E)
Fig. 13.3.3.2 RGB Interface for 16-bit data width
SCL
CSX
SDA
VS
D11 to D6
D11 to D6
D17 to D13
D17 to D13
Note:
RCM = ‘1x’
3Ah=”E0h”
DGND
Host
ST7713
RESX
TE
D/CX(SCL)
HS
DE
PCLK
D7 to D2
“0”
RESX
TE
CSX
SDA
VS
HS
DE
PLCK
D7 to D2
D17 to D8
P68, IM2
IM1,IM0
WRX(R/WX)
RDX(E)
Fig. 13.3.3.1 RGB Interface for 6-bit data width
SCL
CSX
SDA
VS
“0”
D1 to D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com