Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 159 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 159 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 153Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 159Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 159 / 159 page
background image
ST7713
Ver 1.6
2008-05
159
14. Revision History
ST7713 Specification Revision History
Version
Date
Description
0.x
Preliminary version
1.0
2007/05
First issue
1.1
2007/06
Modify timing of 3-SPI and 4-SPI. (8.3, p-24; 8.4, p-25)
Modify display off function. (10.1.18, p-114)
Add notes of 262K read function (10.1.23, p-119; 10.1.33, p-128)
Modify cap. rating voltage (11.2.2, p-147)
1.2
2007/07
Removed command 2Dh (10.1.24 p-100, p-119)
1.3
2007/08
Modify timing of CSX hold time for all I/F(8.1, p-21 8.2,p-23 8.4,p-24)
Modify the power system diagram(11.2.1 p-146)
Correct the typo of component table(11.2.2 p-147)
1.4
2007/09
Revise the waiting time of HW reset(9.18.3 P87)
Revise the description of command 01h, 10h,11h, 28h(10.1.2 P105; 10.1.11
P110; 10.1.12 P111; 10.1.18 P114)
1.5
2007/10
Modify the description of power on/off sequence(9.15 P82)
Remove table 9.18.3.1 reset input timing(9.18.3 P86)
Modify the figure of reset timing (9.18.3 P86)
Modify the waiting time of SWReset to 120ms(10.1.2 P104)
Modify the waiting time of SLPout mode to 120ms(10.1.12 P110)
1.5.1
2007/11
Modify pad arrangement sketch (3 P3)
Modify SHUT description (6.3 P16)
Modify TESEL description (6.3 P17)
Modify RGB Mode2 power on sequence on figure 9.9.15 and table 9.9.6.4
(9.9.6.4 P64)
1.5.2
2007/12
Modify supported MCU interface to 6-bits, 16-bits, 18-bits RGB interface with
graphic controller (2 P1)
Modify the Figure of RGB Interface for 6-bit data width(fig.13.3.3.1 P156)
Modify the Figure of RGB Interface for 16-bit data width(fig.13.3.3.2 P156)
Modify the Figure of RGB Interface for 18-bit data width(fig. 13.3.3.3 P157)
1.6
2008/05
Add structure of gamma resistance (P147)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com