Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 142 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 142 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 159 page
background image
ST7713
Ver 1.6
2008-05
142
10.2.22 GMCTRN1 (E1h): Gamma ‘-’polarity Correction Characteristics Setting
E1H
GMCTRP0 (Gamma ‘+’polarity Correction Characteristics Setting)
Inst / Para
D/CX
WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
GMCTRP1
0
↑
1
-
1
1
1
0
0
0
0
1
(E1h)
1
st Parameter
1
↑
1
-
-
-
-
-
RFN3
RFN2
RFN1
RFN0
2
nd Parameter
1
↑
1
-
-
-
-
PKN04 PKN03 PKN02 PKN01 PKN00
3
rd Parameter
1
↑
1
-
-
-
-
PKN14 PKN13 PKN12 PKN11 PKN10
4
th Parameter
1
↑
1
-
-
-
-
PKN24 PKN23 PKN22 PKN21 PKN20
5
thParameter
1
↑
1
-
-
-
-
PKN34 PKN33 PKN32 PKN31 PKN30
6
th Parameter
1
↑
1
-
-
-
-
PKN44 PKN43 PKN42 PKN41 PKN40
7
th Parameter
1
↑
1
-
-
-
-
-
PKN53 PKN52 PKN51 PKN50
8
th Parameter
1
↑
1
-
-
-
-
-
PKN63 PKN62 PKN61 PKN60
9
th Parameter
1
↑
1
-
-
-
-
-
PKN73 PKN72 PKN71 PKN70
10
th Parameter
1
↑
1
-
-
-
-
-
PKN83 PKN82 PKN81 PKN80
11
th Parameter
1
↑
1
-
-
-
-
RFN14 RFN13 RFN12 RFN11 RFN10
12
th Parameter
1
↑
1
-
-
-
-
OSN14 OSN13 OSN12 OSN11 OSN10
13
th Parameter
1
↑
1
-
-
-
-
-
OSN3
OSN2
OSN1
OSN0
NOTE: “-“ Don’t care
Description
Negative Polarity
Set-up Contents
RFN[3:0]
The voltage of V63 grayscale is selected by the variable resistor
PKN0[4:0]
The voltage of V60 grayscale is selected by the 32 to 1 selector
PKN1[4:0]
The voltage of V57 grayscale is selected by the 32 to 1 selector
PKN2[4:0]
The voltage of V52 grayscale is selected by the 32 to 1 selector
PKN3[4:0]
The voltage of V43 grayscale is selected by the 32 to 1 selector
PKN4[4:0]
The voltage of V31 grayscale is selected by the 32 to 1 selector
PKN5[3:0]
The voltage of V20 grayscale is selected by the 16 to 1 selector
PKN6[3:0]
The voltage of V11 grayscale is selected by the 16 to 1 selector
PKN7[3:0]
The voltage of V6 grayscale is selected by the 16 to 1 selector
PKN8[3:0]
The voltage of V3 grayscale is selected by the 16 to 1 selector
RFN1[4:0]
The voltage of V62 grayscale is selected by the variable resistor
OSN1[4:0]
The voltage of V1 grayscale is selected by the variable resistor
OSN[3:0]
The voltage of V0 grayscale is selected by the variable resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com