Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 135 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 135 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 159 page
background image
ST7713
Ver 1.6
2008-05
135
10.2.11 PWCTR4 (C3h): Power Control 4 (in Idle mode/ 8-colors)
C3H
PWCTR4 (Power Control 4)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
PWCTR4
0
↑
1
-
1
1
0
0
0
0
1
1
(C3h)
1st Parameter
1
↑
1
-
0
0
0
0
0
APB2
APB1
APB0
2nd Parameter
1
↑
1
-
0
0
0
0
0
DCB2
DCB1
DCB0
NOTE: “-“ Don’t care
Description
-Set the amount of current in Operational amplifier in Idle mode/8 colors.
-Adjust the amount of fixed current from the fixed current source in the operational amplifier for the
source driver.
AP[2:0]
Amount of Current in Operational Amplifier
000
0
Operation of the operational amplifier stops
001
1
Small
010
2
Medium Low
011
3
Medium
100
4
Medium High
101
5
Large
110
6
Reserved
111
7
Reserved
-Set the Booster circuit Step-up cycle in Idle mode/8 colors.
DC[2:0]
Step-up cycle in Booster circuit 1
Step-up cycle in Booster circuit 2,3
000
0
BCLK / 1
BCLK / 1
001
1
BCLK / 1
BCLK / 2
010
2
BCLK / 1
BCLK / 4
011
3
BCLK / 2
BCLK / 2
100
4
BCLK / 2
BCLK / 4
101
5
BCLK / 4
BCLK / 4
110
6
BCLK / 4
BCLK / 8
111
7
BCLK / 4
BCLK / 16
Note: BCLK is Clock frequency for Booster circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com