Electronic Components Datasheet Search
  English  ▼

X  

ST7713 Datasheet(PDF) 133 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 133 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 159 page
background image
ST7713
Ver 1.6
2008-05
133
10.2.8 PWCTR1 (C0h): Power Control 1
C0H
PWCTR1 (Power Control 1)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
PWCTR1
0
↑
1
-
1
1
0
0
0
0
0
0
(C0h)
1st Parameter
1
↑
1
-
0
0
0
VRH4
VRH3
VRH2
VRH1
VRH0
2nd Parameter
1
↑
1
-
0
0
0
0
0
VC2
VC1
VC0
NOTE: “-“ Don’t care
Description
-Set the GVDD and VCI1 voltage
VRH[4:0]
GVDD
00000
0
5.00
00001
1
4.75
00010
2
4.70
00011
3
4.65
00100
4
4.60
00101
5
4.55
00110
6
4.50
00111
7
4.45
01000
8
4.40
01001
9
4.35
01010
10
4.30
01011
11
4.25
01100
12
4.20
01101
13
4.15
01110
14
4.10
01111
15
4.05
10000
16
4.00
10001
17
3.95
10010
18
3.90
10011
19
3.85
10100
20
3.80
10101
21
3.75
10110
22
3.70
10111
23
3.65
11000
24
3.60
11001
25
3.55
11010
26
3.50
11011
27
3.45
11100
28
3.40
11101
29
3.35
11110
30
3.25
11111
31
3.00
VC[2:0]
VCI1
000
0
2.75
001
1
2.70
010
2
2.65
011
3
2.60
100
4
2.55
101
5
2.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com