Electronic Components Datasheet Search
  English  ▼

X  

ST7781 Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST7781
Description  262K Color Single - Chip TFT Controller/Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7781 Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST7781 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
ST7781
Ver. 1.7
30
9.3 8080-18 bits Interface Write Data Format
The 8080-18bits interface is selected by setting the IM [3:0] =”1010”.This mode only 262k colors format in display. In this
interface write Instructions and DRAM method following figure.
MCU
ST7781
/CS
A0
/WR
/RD
/RST
D[17:0]
/CS
RS
/WR
/RD
RESET
DB[17:0]
18
Fig. 9.1.2 8080-18 bits Interface Data Format (Command Write/DRAM Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com