Electronic Components Datasheet Search
  English  ▼

X  

ST7781 Datasheet(PDF) 71 Page - Sitronix Technology Co., Ltd.

Part # ST7781
Description  262K Color Single - Chip TFT Controller/Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7781 Datasheet(HTML) 71 Page - Sitronix Technology Co., Ltd.

Back Button ST7781 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
ST7781
Ver. 1.7
71
13. FMARK Function
The ST7781 outputs an FMARK pulse when the ST7781 is driving the line specified by FMP[8:0] bits. The FMARK signal
can be used as a trigger signal to write display data in synchronization with display operation by detecting the address
where data is read out for display operation.
The FMARK output interval is set by FMI[2:0] bits. Set FMI[2:0] bits in accordance with display datarewrite cycle and data
transfer rate. Set FMARKOE = 1 when outputting FMARK pulse from the FMARK pin.
FMI[2:0]
Output Interval
000
1 Frame
001
2 Frame
011
4 Frame
101
6 Frame
Others
Setting Prohibited
Table 13.1: FMARK Interval
Table 13.2: FMARK Output Position
13.1 FMP Setting Example
Fig. 13.1.1 FMARK Setting Example
FMP[8:0]
FMARK Output Position
9’h000
0 th line
9’h001
1 st line
9’h002
2 nd line
9’h003
3 rd line
.
.
.
.
.
.
9’h174
372 th line
9’h175
373 th line
9’h176
374 th line
9’h177
375 th line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com