Electronic Components Datasheet Search
  English  ▼

X  

ST8009 Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST8009
Description  96 Output LCD Common/ Segment Driver IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8009 Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST8009 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
ST8009
V1.1
30/43
2006/11/1
Electronic Volume Register Set
D7
D6
D5
D4
D3
D2
D1
D0
1
1
E5
E4
E3
E2
E1
E0
This register can control the V0 in 64 steps of voltage
level to adjust the brightness of the liquid crystal display.
This register had better set under 0xE0. Because when
the value of this register set over 0xE0, the V0 will be
inaccuracy. The inaccurate value of V0 will exceed in
±0.1V when this register set over 0xE0. By this limit, if
we need a higher voltage for V0, we had better set the
bigger value for “V0 Voltage Regulator Internal Resistor
Ratio” register, and then adjust the value of “Electronic
Volume” register to produce the proper voltage for V0
terminal.
E5
E4
E3
E2
E1
E0
Ra/Rb Ratio
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
1
0
1
1
1
1
0
1
1
1
1
1
1
0
1
1
1
1
1
1
Small
Large
Initializing by internal Reset circuit
An internal reset circuit initializes the ST8009 after
software reset has set. Following are the initial value of
command registers after software reset:
1.
Interface control selection
FR: 0
LR: 0
PS: 1
2.
LCD Duty selection
The segment mode (96 segments) is selected by
default.
3.
LCD Bias Set
1/4 bias is selected by default.
4.
Power Controller Set
All the power circuits (booster, regulator and
follower) will be turned off by default.
5.
Booster Frequency Set
Volume is 1 0 0 by default
6.
V0 Voltage Regulator Internal Resistor Ratio Set
Volume is 1 0 0 by default
7.
Electronic Volume Register Set
Volume is 1 0 0 0 0 0 by default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com