Electronic Components Datasheet Search
  English  ▼

X  

ST8009 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST8009
Description  96 Output LCD Common/ Segment Driver IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8009 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST8009 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST8009 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
ST8009
V1.1
21/43
2006/11/1
10. HARDWARE CIRCUIT DESCRIPTION
The LCD Data Bus Interface
There are two kinds of interfaces for LCD data bus.
One is 4-bit parallel data interface and the other is the
serial interface. These two kinds of interfaces are
selected by setting the P/S bit in the “Interface Control
Selection” register, and see detail in the Table 1. D1~D3
on data bus must be fixed to ground when “1” for P/S bit
is selected.
Table 1
P/S
Data Bus Mode
1
Parallel Interface(D0~D3)
0
Serial Interface (D0)
The Command Registers Setting Interface
The command registers for ST8009 is setting by serial
interface, SCLK and SID. The timing of serial interface
is shown in Fig.1 and Fig.2 Both SCLK and SID must
be connected to pull-up resistors.
START AND STOP CONDITIONS
Both SID and SCLK must be kept at high when the bus
is not busy, and if SCLK is high at the falling edge of
SID, ST8009 will enter the “Start Condition” for
beginning to receive command. Otherwise, if SCLK is
high at the rising edge of SID, ST8009 will enter the
“Stop Condition” for finishing command transfer. The
start and stop conditions are illustrated in Fig.3
SCLK
SID
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Fig .1 Write command timing diagram
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
SDI
SCLK
data line
stable;
data valid
change
of data
allowed
Fig .2 Bit transfer
SDI
SCLK
S
P
START con dition
STOP con dition
Fig .3 Definition of START and STOP conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com