Electronic Components Datasheet Search
  English  ▼

X  

N4374B Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # N4374B
Description  Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4374B Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button N4374B Datasheet HTML 9Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 10Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 11Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 12Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 13Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 14Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 15Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 16Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Specifications for optical to optical measurements at 1550 nm
N4374B system with networrk analyzer
E5071C -245
Specifications are valid under the stated measurement conditions and after user calibration with LCA optical output set to
maximum average power (+4 dBm)
At optical input 1 (“+ 7 dBm max”). At optical input 2 (“+ 17 dBm max”), specifications are typically the same for
10 dB higher incident average and modulated optical power.
With external optical source input all specifications are typical [f2][f6][f7]
For wavelength:
(1550 ±20) nm
(option -101, 102).
System performance
10 MHz to 50 MHz
50 MHz to 0.7 GHz
0.7 GHz to 4.5 GHz
Relative frequency
response uncertainty[f2]
DUT response
≥ -13 dBe
( ≥-6.5 dBo) [f4]
±0.25 dBe, (typ.)
(±0.125 dBo ), (typ.)
±0.25 dBe
(±0.125 dBo)
±0.25 dBe
(±0.125 dBo)
Absolute frequency
response uncertainty[f2]
DUT response
≥ -13 dBe [f4]
( ≥-6.5 dBo)
±1.0 dBe typ.
(±0.5 dBo typ.)
±1.0 dBe
(±0.5 dBo)
±1.0 dBe
(±0.65dBo)
Frequency response
repeatability (typ.) [f2]
DUT response
≥ -13 dBe
( ≥-6.5 dBo) [f4]
±0.02 dBe
±0.02 dBe
±0.02 dBe
Minimum measurable frequency
response (noise floor ) [f1] [f3][f5]
-76 dBe typ.
(-38 dBo)
-82 dBe
(-41 dBo)
-80 dBe
(-40 dBo )
Phase uncertainty
(typ.) [f2][f3]
DUT response
≥ -13 dBe
(≥-6.5 dBo) [f4]
-
±0.5°
±0.5°
Group delay uncertainty
Derived from phase uncertainty, see section
“Group delay uncertainty”.
Example: ±1.0° → ±8 ps (0.5 GHz aperture)
[f1]
IFBW = 100 Hz.
[f2]
For +4 dBm average output power from LCA optical output.
[f3]
Except phase wrap aliasing (example: a DUT group delay of 5 ns (1 m cable length) requires a frequency step size of ≤ 0.2 GHz to avoid phase wraps).
[f4]
For DUT response maximum +6 dBe ( +3dBo ) gain.
[f5]
Average value over frequency range.
[f6]
After CW responsivity and user calibration with external source.
[f7]
Requires option -101 or -102.
(O/O mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com