Electronic Components Datasheet Search
  English  ▼

X  

N4374B Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # N4374B
Description  Lightwave Component Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4374B Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  N4374B Datasheet HTML 1Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 2Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 3Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 4Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 5Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
General Information
Agilent’s N4374B Lightwave Component Analyzer (LCA) is
optimized for the electro-optical S-parameter measurement
for Cable TV (CATV) and Radio over Fiber (RoF) or radio fre-
quency over Glass (RFoG) applications.
In modern CATV or RoF/RFoG transmission systems ana-
log signals are directly transmitted over optical fiber. This
requires very low distortion of the electro-optical devices at
the transmitter and the receiver side. Therefore it is neces-
sary to have very flat transfer characteristic in amplitude and
delay. The N4374B LCA is the tool of choice to optimize your
design for these parameters.
For frequency dependent responsivity measurements
the N4374B is the successor of the industry standard
8702 LCA series. It supports 75 Ohm test with a minimum
loss pad (MLP).
With a completely new design of the optical test set together
with the newest ENA based network analyzer, the N4374B
guarantees excellent electro-optical measurement perfor-
mance. It’s the excellent accuracy that improves the yield from
tests performed with the N4374B, by narrowing margins need-
ed to pass the tested devices. NIST traceability ensures world-
wide comparability of test results.
The fully integrated “turnkey” solution reduces time to mar-
ket, compared to the time-consuming development of a self-
made setup.
In addition a unique new calibration concept significantly
reduces time from powering up the LCA until the first cali-
brated measurement can be made. This increases productiv-
ity in R&D and on the manufacturing floor.
By optimizing the electrical and optical design of the N4374B
for lowest noise and ripple, the accuracy has been improved
by more than a factor of 5 compared to the 8702 series LCA
and is now independent of the electrical reflection coeffi-
cient of the device under test.
The advanced optical design together with temperature-
stabilized transmitter and receiver ensures repeatable mea-
surements over days without recalibration.
Using the advanced measurement capabilities of the net-
work analyzer, all S-parameter related characteristics of the
device under test, like responsivity, ripple, group delay and
3dB-cutoff frequency, can be qualified with the new N4374B
Lightwave Component Analyzer from 100kHz to 4.5 GHz.
The network analyzer
The N4374B is based on the newest E5071C ENA network
analyzer series. The network analyzer includes a Bias-T for
biasing the electro-optical components.
Key benefits
High absolute and relative accuracy measurements
improve the yield of development and production pro-
cesses. With the excellent accuracy and reproducibil-
ity, measurement results can be compared among test
locations world wide.
High confidence and fast time-to-market with a NIST-
traceable turnkey solution.
Significantly increased productivity using the fast and
easy measurement setup with a unique new calibra-
tion process leads to lower cost of test.
75 Ohm support
Specified phase uncertainty
More than 5 times faster than predecessor 8702 series
speeds up every test procedure
Identical LCA software and remote control across the
N437xB family simplifies integration
Bias-T included in Network Analyzer
Relative frequency response uncertainty:
± 0.6 dB @ 4.5GHz (typ)
Absolute frequency response uncertainty:
± 1.3 dB @ 4.5GHz (typ)
Noise floor:
-103 dB W/A for E/O measurements @ 4.5 GHz
-90 dB A/W for O/E measurements @ 4.5 GHz
Typical phase uncertanty:
±1.5° max
Transmitter wavelength:
1550nm ± 20 nm
1310nm ± 20 nm
1290 - 1610 nm with external source input
Built-in optical power meter
For fast transmitter power verification
Powerful remote control:
State of the art programming interface based on Microsoft
.NET or COM.
Warranty:
1 year warranty is standard for N4374B Lightwave Compo-
nent Analyzer.
Extension to 3 or 5 years available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com