Electronic Components Datasheet Search
  English  ▼

X  

5530 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # 5530
Description  Dynamic Calibrator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5530 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button 5530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
235 mm
(9.25 in)
250 mm
(9.84 in)
200 mm
(7.87 in)
150 mm
(5.91 in)
105 mm
(4.13 in)
200 mm
(7.87 in)
130 mm
(5.12 in)
70 mm
(2.76 in)
A - A
22.52 mm
(0.89 in)
22.52 mm
(0.89 in)
22 mm
(0.87 in)
26 mm
(1.02 in)
13 mm
(0.51 in)
A
A
A
A
B
B
B - B
9 mm
(0.35 in)
11 mm
(0.43 in)
13 mm
(0.51 in)
M6
15 mm
(0.59 in)
8.4 mm
(0.33 in)
11 mm
(0.43 in)
18 mm
(0.71 in)
13 mm
(0.51 in)
20 mm
(0.79 in)
15 mm
(0.59 in)
12.0 mm
(0.47 in)
10 mm
(0.39 in)
20.0 mm
(0.79 in)
30.0 mm
(1.18 in)
22 mm
(0.87 in)
22 mm
(0.87 in)
Agilent 55290B Angular Position Measurement Kit
Adapter Plate
Flanged Shaft
A - A
30 mm
(1.18 in)
15 mm
(0.59 in)
60 mm
(2.36 in)
20 mm
(0.79 in)
10 mm
(0.39 in)
M5
68.0 mm
(2.68 in)
11.0 mm
(0.43 in)
5.6 mm
(0.22 in)
40.0 mm
(1.57 in)
10.0 mm
(0.39 in)
10.0 mm
(0.39 in)
6.8 mm
(0.27 in)
1.0 mm
(0.04 in)
6.5 mm
(0.26 in)
10.0 mm
(0.39 in)
(0.20 in)
5.0
mm
± 0.3
2.0 mm
(0.87 in)
(0.28 in)
7.0
mm
+ 0.0
- 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com