Electronic Components Datasheet Search
  English  ▼

X  

5530 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 5530
Description  Dynamic Calibrator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5530 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  5530 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Measurement Range
Up to 40 m (130 ft) with Linear Optics;
Up to 80 m (260 ft) with Long Range Option
Linear Distance and Diagonal Measurement Accuracy
Temperature
E1738A
Range, °C [°F]
Air Sensor
In Vacuum †
Velocity Measurement Accuracy
Linear Distance and Diagonal Measurement Performance
OPTICS
RESOLUTION
MAXIMUM AXIS VELOCITY
Linear Optics
1 nm
±0.7 m/s
±1 m/s
(10766A)
(0.04 µin)
(±28 in/s)
(±40 in/s)
Plane Mirror
0.5 nm
±0.35 m/s
±0.5 m/s
Optics
(0.02 µin)
(±14 in/s)
(±20 in/s)
(10706A/B) *
High Resolution
0.25 nm
±0.18 m/s
±0.25 m/s
Plane Mirror
(0.01 µin)
(±7 in/s)
(±10 in/s)
Optics (10716A) *‡
*
Requires the 10724A Plane Mirror Reflector. Since alignment of these optics
is much more sensitive than for linear optics, linear optics are recommended
for general use.
‡
Aperture distance of 10716A is 12.7 mm, whereas 5519A is 11 mm.
Angle Measurement Accuracy
±0.2% of displayed value
±0.05 arc-seconds per meter of distance traveled
by the linearly moving optic.
Maximum Distance Between Laser Head and Reflector
Up to 15 m (50 ft)
Linear Distance, Diagonal, and Velocity Measurement Specifications
Y
X
Angular Measurement Specifications
Y
X
0 – 40° [32° – 104°]
±0.4 ppm
±0.1 (±0.02) ppm
† Vacuum accuracy is ±0.02 ppm if the laser head is calibrated to MIL-STD 45662A.
Angle Measurement Resolution
0.005 arc-seconds
Measurement Range
±10° (rotated about base of optic)
±20° (rotated about center of optic)
Type: Helium-Neon with automatically tuned
Zeeman-split two-frequency output
Output Power:
≥180 µW
(<1 mW per Class II Laser Product)
Beam Diameter: 6 mm (0.24 in)
Beam Centerline Spacing:
11.0 mm (0.44 in) (input to output aperture)
Safety Classification:
Class II Laser Product conforming to U.S. National
CDRH Regulations 21CFR 1040.10 and 1040.11.
Warm-up Time: Less than 10 minutes
(4 minutes typical)
Vacuum Wavelength:
632.991354 nm
Wavelength Accuracy:
±0.1 ppm
(±0.02 ppm of measured wavelength
with factory calibration, Option UK6)
Wavelength Stability (typical):
short term (1 hour): ±0.002 ppm
long term (lifetime): ±0.02 ppm
Laser Characteristics
Measurement Type
Pitch and yaw
+ 0.01
% of displayed value
]
2
µm/s
Velocity
]
5519A
5519B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com