Electronic Components Datasheet Search
  English  ▼

X  

B32332 Datasheet(PDF) 1 Page - EPCOS

Part # B32332
Description  Film capacitors - AC capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32332 Datasheet(HTML) 1 Page - EPCOS

  B32332 Datasheet HTML 1Page - EPCOS B32332 Datasheet HTML 2Page - EPCOS B32332 Datasheet HTML 3Page - EPCOS B32332 Datasheet HTML 4Page - EPCOS B32332 Datasheet HTML 5Page - EPCOS B32332 Datasheet HTML 6Page - EPCOS B32332 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Film capacitors – AC capacitors
Motor run capacitors
450 V; class B; 85 °C
Series/Type:
B32330/B32332 – Super MotorCap
Ordering code:
Date:
September 2009
Version:
3.0
Content of inside pages of data sheet. Data will be automatically entered into headers and footers.
Please fill in the table and then change the color to “White”. This ensures that the table disappears for
the customer PDF.
Identification/Classification 1:
(header 1)
Film capacitors
– AC capacitors
Identification/Classification 2:
(header 2)
Motor run capacitors
Ordering code:
Series/Type:
B32330/B32332
– Super MotorCap
Preliminary data (optional):
(if necessary)
Department:
FK PC PM AC
Date:
September 2009
 EPCOS AG 2009. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS' prior express consent is prohibited.


Similar Part No. - B32332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32332 EPCOS-B32332 Datasheet
327Kb / 5P
AC Film Capacitors Motor run
B32332 EPCOS-B32332 Datasheet
185Kb / 7P
Film capacitors - AC capacitors
B32332 EPCOS-B32332 Datasheet
316Kb / 6P
Film capacitors - AC capacitors
B32332 EPCOS-B32332 Datasheet
338Kb / 6P
Film capacitors - AC capacitors
B32332 EPCOS-B32332 Datasheet
120Kb / 7P
Film Capacitors - AC Capacitors
More results

Similar Description - B32332

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32356 EPCOS-B32356 Datasheet
336Kb / 6P
Film capacitors-AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
Film capacitors - AC capacitors
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
Film Capacitors ??AC Capacitors
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
Film Capacitors – AC Capacitors
May 2022
B32355C TDK-B32355C Datasheet
328Kb / 6P
Film Capacitors – AC Capacitors
July 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com