Electronic Components Datasheet Search
  English  ▼

X  

B32332 Datasheet(PDF) 3 Page - EPCOS

Part # B32332
Description  Film capacitors - AC capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32332 Datasheet(HTML) 3 Page - EPCOS

  B32332 Datasheet HTML 1Page - EPCOS B32332 Datasheet HTML 2Page - EPCOS B32332 Datasheet HTML 3Page - EPCOS B32332 Datasheet HTML 4Page - EPCOS B32332 Datasheet HTML 5Page - EPCOS B32332 Datasheet HTML 6Page - EPCOS B32332 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32330/B32332 – Super MotorCap
FK PC PM AC
September 2009
Please read the important notes,
Page 3 of 7
cautions and warnings.
Test data
AC test voltage terminal to terminal VTT
2 · VR, 2 s (routine test)
2 · VR, 60 s (type test)
Insulation voltage terminals to case
2000 V AC, 60 s (type test)
2000 V AC, 2 s (routine test)
Insulation resistance Rins or time constant 
at 20 °C, rel. Humidity
 65%
(minimum as-delivered values)
3000 s
Dissipation factor tan
 at 20 °C
 1.0 · 10-3 (120 Hz)
Maximum rate of voltage rise dV/dtmax
10 V/
s
Climatic data
Climatic category
25/085/21 to IEC 60068-1
Lower category Tmin
–25 °C
Upper category Tmax
+85 °C
Damp heat test ttest
21 days
Mechanical and thermal properties of terminal top disk material
Ball pressure test to IEC 60309-1 sec. 27.3
20 N at 125°C
Top disk material
Option A:
UL 94 V2 compatible
Glow wire test to IEC 60695-2-1/1
Test temperature 550 °C for IR ≤ 0.5 A
Test temperature 850 °C for IR > 0.5 A
Self-extinguish within 30 seconds of
withdrawing glow wire
Option B:
UL 94 V2/V0 compatible
Glow wire test to IEC60335-1 / IEC 60695-2-1/1
Test temperature 550 °C / 750 °C
Part is compatible to EN 60335-1
Self-extinguish within 2 seconds of
withdrawing glow wire
Tracking test to IEC 60112 solution A
> 250 V
Compatibility to RoHS
Compliance to directive 2002/95/EC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com