Electronic Components Datasheet Search
  English  ▼

X  

CB1005GV080 Datasheet(PDF) 6 Page - SAMWHA ELECTRIC

Part # CB1005GV080
Description  BEADS, For Signal Line
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1005GV080 Datasheet(HTML) 6 Page - SAMWHA ELECTRIC

Back Button CB1005GV080 Datasheet HTML 2Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 3Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 4Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 5Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 6Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 7Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 8Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 9Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 10Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
v 1608 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
※
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
900
0.08
30
CB1608GK300
500
0.35
300
CB1608GK301
200
0.40
300
CB1608GA301
100
150
1.50
2500
CB1608GK252
500
0.20
120
CB1608GJ121
900
0.08
30
CB1608GJ300
700
0.12
60
CB1608GJ600
150
1.20
2000
CB1608GK202
550
0.30
220
CB1608GK221
600
0.25
120
CB1608GK121
700
0.20
60
CB1608GK600
200
0.70
1000
CB1608GK102
350
0.50
600
CB1608GK601
350
0.45
470
CB1608GK471
200
0.70
1000
CB1608GA102
200
0.50
600
CB1608GA601
200
0.50
470
CB1608GA471
200
0.30
220
CB1608GA221
200
0.20
120
CB1608GA121
200
0.15
60
CB1608GA600
500
0.08
30
CB1608GA300
500
0.05
10
CB1608GA100
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
DPS-081104
CHIP BEADS, For Signal Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com