Electronic Components Datasheet Search
  English  ▼

X  

CB1005GV080 Datasheet(PDF) 16 Page - SAMWHA ELECTRIC

Part # CB1005GV080
Description  BEADS, For Signal Line
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1005GV080 Datasheet(HTML) 16 Page - SAMWHA ELECTRIC

Back Button CB1005GV080 Datasheet HTML 12Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 13Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 14Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 15Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 16Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 17Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 18Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 19Page - SAMWHA ELECTRIC CB1005GV080 Datasheet HTML 20Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
v 3216 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
※
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
600
0.04
70
CB3216GA700
300
0.15
150
CB3216GK151
200
0.30
300
CB3216GM301
200
0.30
200
CB3216GM201
200
0.25
150
CB3216GM151
200
0.40
600
CB3216GM601
200
0.25
470
CB3216GK471
300
0.20
300
CB3216GK301
300
0.20
220
CB3216GK221
300
0.10
120
CB3216GK121
200
0.25
120
CB3216GM121
200
0.40
1000
CB3216GK102
200
0.30
600
CB3216GK601
200
0.40
1000
CB3216GA102
200
0.30
600
CB3216GA601
300
0.20
300
CB3216GA301
300
0.15
200
CB3216GA201
300
0.12
150
CB3216GA151
300
0.10
120
CB3216GA121
600
0.04
60
CB3216GA600
600
0.03
50
CB3216GA500
100
600
0.03
35
CB3216GA350
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
DPS-081104
CHIP BEADS, For Signal Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com