Electronic Components Datasheet Search
  English  ▼

X  

0302CS Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0302CS
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0302CS Datasheet(HTML) 1 Page - Coilcraft lnc.

  0302CS Datasheet HTML 1Page - Coilcraft lnc. 0302CS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
SRF
DCR
Inductance2
Percent
900 MHz
1.7 GHz
2.4 GHz
typ4
max5
Irms6
Part number1
(nH)
tolerance
L typ
Q typ3
L typ
Q typ3
L typ
Q typ3
(GHz)
(Ohms)
(mA)
0302CS-N67XKL_
0.67
10
0.66
42
0.66
56
0.67
70
>26
0.021
1600
0302CS-1N7XJL_
1.7
5
1.7
57
1.7
78
1.7
95
16.14
0.038
1140
0302CS-1N9XJL_
1.9
5
1.9
42
1.9
65
1.9
83
16.06
0.065
910
0302CS-2N1XJL_
2.1
5
2.1
38
2.1
57
2.1
72
15.94
0.082
830
0302CS-3N0XJL_
3.0
5
3.0
56
3.0
92
3.0
131
15.10
0.060
950
0302CS-3N3XJL_
3.3
5
3.3
56
3.3
88
3.3
129
11.50
0.060
950
0302CS-3N5XJL_
3.5
5
3.5
60
3.5
84
3.5
110
11.53
0.070
870
0302CS-3N8XJL_
3.8
5
3.8
60
3.8
89
7.8
105
10.67
0.090
830
0302CS-4N0XJL_
4.0
5
4.0
52
4.0
80
4.1
98
11.21
0.100
760
0302CS-4N7XJL_
4.7
5
4.6
55
4.6
88
4.7
120
12.07
0.074
830
0302CS-5N1XJL_
5.1
5
5.1
62
5.1
92
5.2
118
9.65
0.074
830
0302CS-6N0XJL_
6.0
5
6.0
58
6.0
82
6.2
105
8.60
0.140
700
0302CS-6N3XJL_
6.3
5
6.3
56
6.3
80
6.5
100
9.34
0.155
620
0302CS-6N5XJL_
6.5
5
6.5
56
6.5
80
6.8
100
8.19
0.200
620
0302CS-7N0XJL_
7.0
5
7.0
62
7.1
84
7.2
112
8.50
0.103
760
0302CS-7N2XJL_
7.2
5
7.2
60
7.2
82
7.4
110
9.12
0.112
690
0302CS-7N4XJL_
7.4
5
7.3
60
7.4
82
7.6
110
7.98
0.112
690
0302CS-8N3XJL_
8.3
5
8.2
58
8.3
80
8.5
104
8.19
0.150
590
0302CS-9N2XJL_
9.2
5
8.9
58
9.0
83
9.2
120
7.92
0.115
690
0302CS-10NXJL_
10.0
5
10.0
58
10.1
91
10.2
119
7.45
0.140
620
0302CS-11NXJL_
11.0
5
11.0
57
11.2
83
11.6
105
6.85
0.210
590
0302CS-12NXJL_
12.0
5
12.0
59
12.6
88
12.7
110
6.86
0.170
560
0302CS-13NXJL_
13.0
5
13.0
53
13.3
83
13.8
104
6.94
0.230
480
0302CS-15NXJL_
15.0
5
15.0
55
15.4
84
15.9
106
6.20
0.174
560
0302CS-16NXJL_
16.0
5
16.0
54
16.4
85
17.0
102
6.13
0.210
480
0302CS-17NXJL_
17.0
5
16.9
52
17.4
82
18.2
118
6.26
0.280
440
0302CS-18NXJL_
18.0
5
17.9
55
18.5
80
19.3
111
6.03
0.350
390
0302CS-19NXJL_
19.0
5
18.9
53
19.6
85
20.5
104
5.79
0.260
480
0302CS-20NXJL_
20.0
5
19.9
56
20.2
88
20.8
112
5.68
0.300
430
0302CS-21NXJL_
21.0
5
20.9
53
22.0
82
24.1
95
5.16
0.370
370
0302CS-22NXJL_
22.0
5
22.0
52
23.1
79
25.2
94
4.95
0.420
340
0302CS-23NXJL_
23.5
5
23.5
54
24.6
84
27.4
92
5.18
0.400
430
0302CS-29NXJL_
29.0
5
29.0
51
30.5
75
33.0
90
4.83
0.470
330
0302CS-34NXJL_
34.0
5
34.0
55
35.5
78
38.1
94
4.45
0.530
310
ChipInductors-0302CSSeries(0805)
Document 302 -1
Document 302-1
Revised 03/25/09
1. When ordering, please specify termination and packaging codes:
0302CS-34NXJ
LW
Termination: L = RoHS compliant silver-platinum-glass frit.
Special order: S = non-RoHS tin-lead (63/37).
Packaging:
W =7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter W instead.
2. Inductance measured at 250 MHz using a Coilcraft SMD-F fixture in an
Agilent/HP 4286 impedance analyzer with Coilcraft-provided correlation
pieces.
3. Q measured using an Agilent/HP 4287A with an Agilent/HP 16193 test
fixture.
4. SRF measured using an Agilent/HP 8722ES network analyzer and a
test fixture with a 0.017
″ air gap.
5. DCR measured on a micro-ohmmeter and a Coilcraft CCF858 test
fixture.
6. Current that causes a 30°C temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• 0302 size – 20% smaller than our 0402CS inductors
• 34 inductance values from 0.67 to 34 nH
• High Q values – up to 131 at 2.4 GHz!
Request free evaluation samples by contacting Coilcraft
or visiting www.coilcraft.com.


Similar Part No. - 0302CS

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0302CS COILCRAFT-0302CS Datasheet
100Kb / 1P
Designer’s Kits
0302CS-10NXJL COILCRAFT-0302CS-10NXJL Datasheet
149Kb / 2P
20% smaller than our 0402CS inductors
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
20% smaller than our 0402CS inductors
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
110Kb / 2P
Chip Inductors - 0302CS (0805)
0302CS-10NXJLW COILCRAFT-0302CS-10NXJLW Datasheet
110Kb / 2P
Chip Inductors - 0302CS (0805)
More results

Similar Description - 0302CS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com