Electronic Components Datasheet Search
  English  ▼

X  

0302CS Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0302CS
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0302CS Datasheet(HTML) 2 Page - Coilcraft lnc.

  0302CS Datasheet HTML 1Page - Coilcraft lnc. 0302CS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
0302CS Series (0805)
Specifications subject to change without notice.
Please check our website for latest information.
Document 302-2
Document 302-2
Revised 03/25/09
A max
B max
C max
D
E
F
G
H
0.034
0.021
0.018
0.006
0.015 0.010 0.014 0.021 inches
0,86
0,53
0,45
0,20
0,38
0,25
0,36
0,53
mm
F
F
G
H
Recommended
Land Pattern
A
B
overall
E
terminal
D
D
C
Terminal wraparound:
approx 0.006/0,15 both ends
1
10
100
1000
10000
Frequency (MHz)
0
90
80
70
60
50
40
30
20
10
0.67 nH
2.1 nH
13.0 nH
6.0 nH
34.0 nH
1
10
100
1000
10000
Frequency (MHz)
0
45
40
35
30
25
20
15
10
5
0.67 nH
2.1 nH
6.0 nH
13.0 nH
34.0 nH
Typical L vs Frequency
Typical Q vs Frequency
Irms Derating
-40
-20
0
20
40
60
80
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Designer’s Kit C370 contains 20 each of all values
Core material Ceramic
Terminations RoHS compliant silver-platinum-glass frit. Other
terminations available at additional cost.
Weight 0.4 – 0.5 mg
Ambient temperature –40°C to +125°C with
Irms current, +125°C
to +155°C with derated current
Storage temperature Component: –40°C to +155°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel. Paper tape: 8 mm wide, 0.5 mm thick,
2 mm pocket spacing
PCB washing Only pure water or alcohol recommended



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com