Electronic Components Datasheet Search
  English  ▼

X  

B43252 Datasheet(PDF) 19 Page - EPCOS

Part # B43252
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43252 Datasheet(HTML) 19 Page - EPCOS

Back Button B43252 Datasheet HTML 15Page - EPCOS B43252 Datasheet HTML 16Page - EPCOS B43252 Datasheet HTML 17Page - EPCOS B43252 Datasheet HTML 18Page - EPCOS B43252 Datasheet HTML 19Page - EPCOS B43252 Datasheet HTML 20Page - EPCOS B43252 Datasheet HTML 21Page - EPCOS B43252 Datasheet HTML 22Page - EPCOS B43252 Datasheet HTML 23Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Snap-in capacitors
B41252, B43252
Standard series – 105
°C
19 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
400
56
22
× 20
0.37
B43252A9566M000
68
22
× 25
0.44
B43252A9686M000
68
25.4
× 20
0.45
B43252B9686M000
82
22
× 30
0.51
B43252A9826M000
82
25.4
× 25
0.53
B43252B9826M000
82
30
× 20
0.54
B43252C9826M000
100
22
× 35
0.60
B43252A9107M000
100
25.4
× 30
0.62
B43252C9107M000
100
30
× 20
0.60
B43252B9107M000
120
22
× 40
0.69
B43252A9127M000
120
25.4
× 30
0.68
B43252B9127M000
120
30
× 25
0.70
B43252C9127M000
120
35
× 20
0.71
B43252D9127M000
150
22
× 45
0.81
B43252A9157M000
150
25.4
× 35
0.81
B43252B9157M000
150
30
× 30
0.83
B43252C9157M000
150
35
× 20
0.80
B43252D9157M000
180
22
× 50
0.93
B43252A9187M000
180
25.4
× 40
0.93
B43252B9187M000
180
30
× 30
0.91
B43252C9187M000
180
35
× 25
0.93
B43252D9187M000
220
25.4
× 45
1.07
B43252C9227M000
220
30
× 35
1.06
B43252A9227M000
220
35
× 30
1.08
B43252B9227M000
270
25.4
× 50
1.24
B43252A9277M000
270
30
× 40
1.23
B43252B9277M000
270
35
× 30
1.20
B43252C9277M000
330
30
× 45
1.42
B43252A9337M000
330
35
× 35
1.40
B43252B9337M000
390
30
× 50
1.61
B43252A9397M000
390
35
× 40
1.59
B43252B9397M000
470
35
× 45
1.82
B43252A9477M000
560
35
× 50
2.06
B43252A9567M000
450
47
22
× 20
0.34
B43252A5476M000
56
22
× 25
0.40
B43252A5566M000
56
25.4
× 20
0.41
B43252B5566M000
68
22
× 30
0.47
B43252A5686M000
68
25.4
× 25
0.48
B43252B5686M000
68
30
× 20
0.49
B43252C5686M000
82
22
× 35
0.54
B43252A5826M000
82
25.4
× 30
0.54
B43252B5826M000
82
30
× 20
0.54
B43252C5826M000
Technical data and ordering codes B43252
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
105
°C
A
Ordering code
AEC-C_B41252_B43252.book Seite 19 Mittwoch, 16. April 2008 1:08 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com