Electronic Components Datasheet Search
  English  ▼

X  

B43252 Datasheet(PDF) 21 Page - EPCOS

Part # B43252
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43252 Datasheet(HTML) 21 Page - EPCOS

Back Button B43252 Datasheet HTML 16Page - EPCOS B43252 Datasheet HTML 17Page - EPCOS B43252 Datasheet HTML 18Page - EPCOS B43252 Datasheet HTML 19Page - EPCOS B43252 Datasheet HTML 20Page - EPCOS B43252 Datasheet HTML 21Page - EPCOS B43252 Datasheet HTML 22Page - EPCOS B43252 Datasheet HTML 23Page - EPCOS B43252 Datasheet HTML 24Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Snap-in capacitors
B41252, B43252
Standard series – 105
°C
21 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
500
120
30
× 40
0.55
B43252B6127M000
120
35
× 30
0.56
B43252C6127M000
150
30
× 45
0.61
B43252A6157M000
150
35
× 35
0.62
B43252B6157M000
180
30
× 50
0.70
B43252A6187M000
180
35
× 40
0.78
B43252B6187M000
220
35
× 45
0.80
B43252A6227M000
270
35
× 50
0.93
B43252A6277M000
Technical data and ordering codes B43252
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
105
°C
A
Ordering code
AEC-C_B41252_B43252.book Seite 21 Mittwoch, 16. April 2008 1:08 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com