Electronic Components Datasheet Search
  English  ▼

X  

B41866 Datasheet(PDF) 24 Page - EPCOS

Part # B41866
Description  Aluminum electrolytic capacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41866 Datasheet(HTML) 24 Page - EPCOS

Back Button B41866 Datasheet HTML 20Page - EPCOS B41866 Datasheet HTML 21Page - EPCOS B41866 Datasheet HTML 22Page - EPCOS B41866 Datasheet HTML 23Page - EPCOS B41866 Datasheet HTML 24Page - EPCOS B41866 Datasheet HTML 25Page - EPCOS B41866 Datasheet HTML 26Page - EPCOS B41866 Datasheet HTML 27Page - EPCOS B41866 Datasheet HTML 28Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Bent 90
° leads for horizontal mounting pinning
Last 3 digits of ordering code: 012
Case size
Dimensions (mm)
d
× l (mm)
C
±0.5
E
±0.5
F
±0.5
a
±0.5
∅b
16
× 20
4.0
4.0
12.0
7.5
0.8
±0.05
16
× 25
4.0
4.0
12.0
7.5
0.8
±0.05
16
× 31.5
4.0
4.0
12.0
7.5
0.8
±0.05
18
× 20
4.0
4.0
13.0
7.5
0.8
±0.1
18
× 25
4.0
4.0
13.0
7.5
0.8
±0.1
18
× 31.5
4.0
4.0
13.0
7.5
0.8
±0.1
18
× 35
4.0
4.0
13.0
7.5
0.8
±0.1
18
× 40
4.0
4.0
13.0
7.5
0.8
±0.1
Bent leads for diameter 12.5 mm available upon request.
B41866
High ripple current
125
°C
Page 24 of 32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com