Electronic Components Datasheet Search
  English  ▼

X  

B41866 Datasheet(PDF) 25 Page - EPCOS

Part # B41866
Description  Aluminum electrolytic capacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41866 Datasheet(HTML) 25 Page - EPCOS

Back Button B41866 Datasheet HTML 21Page - EPCOS B41866 Datasheet HTML 22Page - EPCOS B41866 Datasheet HTML 23Page - EPCOS B41866 Datasheet HTML 24Page - EPCOS B41866 Datasheet HTML 25Page - EPCOS B41866 Datasheet HTML 26Page - EPCOS B41866 Datasheet HTML 27Page - EPCOS B41866 Datasheet HTML 28Page - EPCOS B41866 Datasheet HTML 29Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
1) Available upon request
Overview of packing units and code numbers for case sizes 5
× 11 ... 16 × 31.5
PAPR
Case size
d
× l
Stan-
dard,
bulk
Taped,
Ammo pack
Kinked
leads,
bulk
Cut
leads,
bulk
Crimped
leads,
blister
J leads,
blister
Bent 90
°
leads,
blister
mm
pcs.
pcs.
pcs.
pcs.
pcs.
pcs.
pcs.
5
× 11
2000
2000
6.3
× 11
2500
2000
8
× 11.5
1000
1000
10
× 12.5
1000
750
1000
675
10
× 16
1000
500
1000
675
10
× 20
500
500
500
500
500
12.5
× 20
350
500
350
350
300
1)
12.5
× 25
250
500
500
500
225
1)
12.5
× 30
200
12.5
× 35
175
12.5
× 40
175
16
× 20
250
300
200
200
200
200
120
16
× 25
250
300
200
200
200
200
120
16
× 31.5
200
300
250
250
344
344
120
The last three
digits of the
complete
ordering code
state the lead
configuration
000
Code F (mm) d (mm)
001
002
003
004
012
006
007
008
009
3.5
2.5
5
7.5
8
5...6.3
5...12.5
16...18
B41866
High ripple current
125
°C
Page 25 of 32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com