Electronic Components Datasheet Search
  English  ▼

X  

BS0703100MF Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # BS0703100MF
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

BS0703100MF Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  BS0703100MF Datasheet HTML 1Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 2Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 3Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 4Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 5Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1000.0±20%
820.0±20%
680.0±20%
1).
:Packaging Information… A:Bulk B:Taping Reel
AR-001A
5). Isat base on
L/L0A=25% max.
△
-□□□
-□□□
-□□□
2)."-
":Reference code
4). Irms base on Temp. rise 40
max.
℃
3). L Test Freq.:1KHz / 1V
□ □
□
BS0703821MF□
BS0703102MF□
BS0703681MF□
DC Current (mA)
3
@ Inductance VS. DC Current Curve
271
2
7
220
2
1
5
10
1
10
7
25
3
100
3
5
2
10
7
101
2
103
2
3
7
5
102
7
3
5
3
10
102
1K
1K
1K
5.800
5.200
4.000
0.17
0.19
0.21
7
5
4
10
0.18
0.21
0.22
47.0±20%
56.0±20%
18.0±20%
12.0±20%
27.0±20%
39.0±20%
82.0±20%
120.0±20%
270.0±20%
180.0±20%
560.0±20%
390.0±20%
Inductance
22.0±20%
33.0±20%
15.0±20%
68.0±20%
100.0±20%
150.0±20%
220.0±20%
330.0±20%
470.0±20%
10.0±20%
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
POWER INDUCTOR
-□□□
BS0703220MF□
-□□□
BS0703121MF□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
BS0703271MF□
BS0703391MF□
BS0703471MF□
BS0703561MF□
BS0703331MF□
BS0703221MF□
BS0703181MF□
BS0703151MF□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
BS0703470MF□
BS0703560MF□
BS0703680MF□
BS0703101MF□
BS0703820MF□
BS0703330MF□
BS0703270MF□
BS0703390MF□
NAME
PROD.
REF :
-□□□
-□□□
-□□□
-□□□
BS0703100MF□
BS0703120MF□
BS0703180MF□
BS0703150MF□
DWG No.
(uH)
SHIELDED SMD
1.28
0.160
1.20
1K
0.720
0.53
1K
1K
1K
1K
1K
1K
1K
1K
1K
0.30
1.700
2.300
3.500
2.800
2.000
0.30
0.23
0.26
0.33
1.150
1.320
0.930
0.43
0.40
0.47
1K
1K
1K
1K
1K
1K
1K
1K
0.320
0.85
0.630
0.480
0.350
0.400
0.63
0.54
0.78
0.72
0.220
0.250
0.185
1.00
0.95
1.10
0.55
0.37
0.30
0.25
0.27
0.33
0.45
0.42
0.48
0.88
0.60
0.65
0.74
0.80
1.04
0.96
1.15
BS0703□□□□F□-□□□
1K
1K
1K
1K
Test Freq.
(Hz) / 1V
max.
0.125
0.105
0.085
0.072
1.60
1.40
1.90
2.10
(Ω)
RDC
(A)
Irms
ABC'S ITEM NO.
ABC'S DWG NO.
1.52
1.40
1.60
1.85
(A)
Isat
PAGE: 2
20100112-A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com