Electronic Components Datasheet Search
  English  ▼

X  

BS0703100MF Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # BS0703100MF
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

BS0703100MF Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  BS0703100MF Datasheet HTML 1Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 2Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 3Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 4Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 5Page - ABC Taiwan Electronics Corp BS0703100MF Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPECIFICATION FOR APPROVAL
Ⅸ﹒UL CARD:
REF : 20100112-A
NAME
PROD.
ABC'S DWG NO.
ABC'S ITEM NO.
PAGE: 6
SHIELDED SMD
POWER INDUCTOR
AR-001A
BS0703□□□□F□-□□□
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
E4010
E4810
E400(Y)L , E4008L
NC , BK
NC , BK
NC , BK
Mtl Dsg
E4008 , E400X
E4008
NC , WT , BK
NC , BK
Col
___
4
3
___
220
220
180
___
94V-0
0.75
130
94V-0
0.75
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
0.75
3.0
1.5
3.0
1.5
0.30
130
130
130
130
130
130
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
0.75
1.5
0.30
3.0
3.0
1.5
0.30
220
220
130
220
220
130
220
3
130
130
130
130
130
130
130
130
0
130
130
130
1
0
130
130
130
1
2
___
180
130
200
200
200
200
130
3
220
240
130
240
2
1
___
240
130
240
2
1
___
___
4
___
___
___
___
___
___
4
___
4
4
0
___
4
4
___
0
___
___
___
___
54
___
___
54
___
___
___
___
___
4
___
4
4
___
0
___
___
4
4
___
0
___
___
___
___
___
54
___
___
54
Flame
Thk
94V-0
94V-0
94V-0
Class
94V-0
94V-0
0.30
0.75
1.5
0.30
3.0
mm
130
130
130
130
130
UL94
Min
Elec
W
w/o
with
130
130
130
130
130
Imp
130
130
130
130
130
2
3
1
___
ImpI
___
RTI
MechH
T
9
AT
___
___
___
___
___
4
4
4
___
___
0
___
I
___
R
___
___
___
___
54
___
5I
E54705 (M)
HV
H
C
D
4
____
MW-83
MW-79
155
Polysol P155p
P155p
MW-79
155
ANSI
MW-77
MW-79,
MW-80,
MW-28
MW-75
MW-74
____
____
Nylon
____
Typ
OC
155,
130
155,
130
180
200
Temp
Class
E143312
MW-79
MW-79
MW-82
MW-79
____
____
____
Nylon
____
155
180
155
180
155
MW-75
130
____
OBMW2
Magnet Wire-Comporent
Coating Type
Polyurechane
Polyesterimide
Polyesterimide
Polyurechane
(solderable)
BC
Polysol 155
Polysol-N 155
Amldester 200
Estersol 180
Mtl Dsg
DARUL MAKMUR MALAYSIA
PN155
P155, G155
A200
E180
Mark Dsg
ELEKTRISOLA (MALAYSLA) SDN BHD
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
P160
P180,G180
Polysol 155p
Polysol 160
Polysol 180
Polysol 170
Polysol-N 180
See General Information preceding These Recognitions
Pp155,Gp155
P170 or G170
PN180
Polyurechane
Pg155
Polysol 155g
JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Company name, material designation or marked designation and factory identification on package ok reel
October 06, 2005



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com