Electronic Components Datasheet Search
  English  ▼

X  

BS0703102MF Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # BS0703102MF
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

BS0703102MF Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  BS0703102MF Datasheet HTML 1Page - ABC Taiwan Electronics Corp BS0703102MF Datasheet HTML 2Page - ABC Taiwan Electronics Corp BS0703102MF Datasheet HTML 3Page - ABC Taiwan Electronics Corp BS0703102MF Datasheet HTML 4Page - ABC Taiwan Electronics Corp BS0703102MF Datasheet HTML 5Page - ABC Taiwan Electronics Corp BS0703102MF Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Outer : Carton
AR-001A
1,500
( 3 ) Q'TY & G.W. Per package
Q'TY (pcs)
Series
BS0703-F
13 - 16
Style
( 2 ) Dimensions
G.W. (gw)
1,250
Inner : Reel
Q'TY (pcs)
Style
13 - 16
9,000
User direction of feed
21±0.8
330
AB
13±0.5
C
16
D
40 x 40 x 24
Size (cm)
G.W. (Kg)
17.0
18
+0
G
50
-0
N
22.4
T
Unit:m/m
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
200 m/m min.
no component
End
Leader
P:12 m/m
4 m/m
100
100
100
Components
C
∮
G
SHIELDED SMD
Ⅵ﹒PACKAGING INFORMATION:
( 1 ) Configuration
PROD.
NAME
REF :
2.0±0.5
T
POWER INDUCTOR
Start
400 m/m min.
no component
Trailer
100
Carrier Tape Width : D
※
Embossed Carrier
D
PAGE: 3
Cover Tape
BS0703□□□□F□-□□□
20100112-A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com