Electronic Components Datasheet Search
  English  ▼

X  

BS0703102MF Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # BS0703102MF
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

BS0703102MF Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  BS0703102MF Datasheet HTML 1Page - ABC Taiwan Electronics Corp BS0703102MF Datasheet HTML 2Page - ABC Taiwan Electronics Corp BS0703102MF Datasheet HTML 3Page - ABC Taiwan Electronics Corp BS0703102MF Datasheet HTML 4Page - ABC Taiwan Electronics Corp BS0703102MF Datasheet HTML 5Page - ABC Taiwan Electronics Corp BS0703102MF Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
30 minutes
30 minutes
+105 ℃
-25 ℃
BS0703□□□□F□-□□□
Resistance test
High temp.
Humidity Test
( Temp. cycle )
Thermal shock test
AR-001A
Temperature : 105±5℃
Time : 96 hours
Applied current : Per spec.
Electrical oharacteristics shall
not change more
than ±20%
Total : 50 cycles
Time : 1000 hours
Humidity : 90±5%
Temperature : 40±2℃
Room temp.
15 minutes
15 minutes
Room temp.
Solderability
PROD.
NAME
Ⅷ﹒RELIABILITY TEST:
REF :
More than 95% of the
POWER INDUCTOR
SPECIFICATION FOR APPROVAL
Test item
terminal electrode
Shall be covered
With fresh solder.
Specification
SHIELDED SMD
Flux : Rosin
Dip time : 5±0.5 seconds
Solder temp. : 235±5℃
Preheat : 155
/ 4 hours.
℃
Test condition
ABC'S DWG NO.
ABC'S ITEM NO.
PAGE: 5
20100112-A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com