Electronic Components Datasheet Search
  English  ▼

X  

CC45321R2KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # CC45321R2KL
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CC45321R2KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  CC45321R2KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
-□□□
CC4532101KL□
0.796
4.00
180
±10%
8.0
20
100.00
±10%
±10%
±10%
±10%
1).
:Packaging information… A:Bulk B:Taping Reel
±10%
±10%
±10%
±10%
±10%
±10%
AR-001A
680.00
CC4532681KL□ -□□□
2)."-
":Reference code
□
□ □
□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
CC4532271KL□
CC4532391KL□
CC4532471KL□
CC4532561KL□
CC4532331KL□
CC4532221KL□
CC4532121KL□
CC4532151KL□
CC4532181KL□
270.00
390.00
470.00
560.00
330.00
180.00
220.00
120.00
150.00
3.0
3.0
2.5
3.0
7.0
5.0
6.5
5.5
4.0
7.5
0.796
20
20
20
20
20
20
20
20
20
20
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
0.796
65
22.80
11.00
14.00
16.00
18.00
13.00
4.50
9.00
6.50
7.50
100
85
70
75
90
120
120
160
140
WOUND CHIP INDUCTOR
SPECIFICATION FOR APPROVAL
Inductance
( μH )
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
-□□□
CC4532180KL□
18.00
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
CC4532390KL□
CC4532820KL□
CC4532680KL□
CC4532560KL□
CC4532470KL□
CC4532270KL□
CC4532330KL□
CC4532220KL□
39.00
68.00
82.00
47.00
56.00
27.00
33.00
22.00
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
CC45326R8KL□
CC45328R2KL□
CC4532100KL□
CC4532120KL□
CC4532150KL□
CC45323R3KL□
CC45323R9KL□
CC45324R7KL□
CC45325R6KL□
6.80
12.00
15.00
8.20
10.00
4.70
5.60
3.30
3.90
REF : 20071102-D
NAME
PROD.
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
CC45321R2KL□
CC45322R7KL□
CC45322R2KL□
CC45321R8KL□
CC45321R5KL□
CC45321R0KL□
DWG NO.
1.20
1.80
2.20
2.70
1.50
1.00
10
35.0
25.0
30.0
28.0
40.0
45.0
20.0
16.0
19.0
18.0
11.5
9.0
10.0
11.0
14.0
12.0
22.0
21.0
10
2.52
10
10
10
10
10
10
10
10
2.52
2.52
2.52
2.52
2.52
2.52
2.52
2.52
10
10
10
10
10
10
10
10
10
7.96
2.52
2.52
2.52
7.96
7.96
7.96
7.96
7.96
400
0.80
1.60
2.60
1.90
2.20
3.50
0.90
1.20
1.40
280
220
200
260
240
330
300
370
0.35
0.60
0.70
0.40
0.50
0.24
0.27
0.30
0.22
600
500
450
600
550
650
650
700
750
CC4532□□□□L□-□□□
( MHz )
160.0
130.0
60.0
80.0
100.0
180.0
( MHz )
10
10
10
10
min.
10
Q
7.96
7.96
7.96
7.96
7.96
Freq.
7.96
Test
min.
SRF
ABC'S DWG NO.
ABC'S ITEM NO.
IDC
( mA )
1050
1000
max.
0.12
0.18
0.15
0.16
0.20
( Ω )
RDC
0.11
max.
900
850
800
950
PAGE: 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com