Electronic Components Datasheet Search
  English  ▼

X  

CC45321R2KL Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # CC45321R2KL
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CC45321R2KL Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  CC45321R2KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp CC45321R2KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1﹒Applied the allowed DC current for
After test,Inductors
After tset,Inductors
shall be no evidence
mechanical damage
shall be no evidence
mechanical damage
no evidence of
1﹒Inductors shall be
mechanical damage
not change more
more than ±20%
3﹒Q Shall not change
2﹒Inductance shall
AR-001A
Resistance to
soldering heat
Shock test
than±5%
voltage test
Vibration test
( Low frequency )
resistance test
Insulation
Over load test
Withstanding
Temperature
rise test
of electrical and
Mechanical performance test
electrical and
1000 MΩ min﹒
of electrical and
20
max.
℃
Inductors shall be dropped 10 times from
a height of 1m onto 3cm wooden board
Temp:260±5℃
Time:10±1.0 sec.
current to inductor for a period of
4﹒Duration:2 hrs / X,Y,Z
2﹒Temperature measure by digital
Applied 2 times of rated allowed DC
inductors terminal and coating for 5 seconds
AC voltage of 1000VAC applied between
100 VDC applied between inductor terminal
2﹒Frequency:10 -- 55 -- 10 Hz / 1min.
1﹒Amplitude:1.5 m/m
3﹒Direction:X,Y,Z
5 minutes
10 minutes
surface thermometer
and coating
Specification
WOUND CHIP INDUCTOR
SPECIFICATION FOR APPROVAL
Ⅸ﹒RELIABILITY TEST:
DC Resistance RDC
Rated current IDC
Self resonance
frequency SRF
Inductance L
NAME
PROD.
Q
electrical
Refer to standard
characteristic list
Electrical performance test
Test item
REF : 20071102-D
Applied the current to coils,The
Test condition / Test method
□HP4194A with HP-16034E test fixture
Inductance change shall be less than 10%
to initial value & temperature rise shall
□HP4291A with HP-16093A test fixture
CC4532□□□□L□-□□□
CH-502AC
not be more than 20℃
ABC'S DWG NO.
ABC'S ITEM NO.
PAGE: 6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com