Electronic Components Datasheet Search
  English  ▼

X  

B82114 Datasheet(PDF) 2 Page - EPCOS

Part # B82114
Description  Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82114 Datasheet(HTML) 2 Page - EPCOS

  B82114 Datasheet HTML 1Page - EPCOS B82114 Datasheet HTML 2Page - EPCOS B82114 Datasheet HTML 3Page - EPCOS B82114 Datasheet HTML 4Page - EPCOS B82114 Datasheet HTML 5Page - EPCOS B82114 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 500 V AC/DC1)
Rated current max. 1 A
Construction
■ Round 6-aperture ferrite core
■ With or without insulating sleeve
Features
■ The selected core material provides maximum
impedance in the relevant frequency range of 50 to 200 MHz
■ An insulating sleeve prevents any turn-to-turn short circuits
■ Suitable for wave soldering
■ RoHS-compatible
Applications
■ Broadband interference suppression in electrical
systems and equipment in the RF and VHF range
■ Reduction of radiated interference in broadcasting and TV receivers
Terminals
■ Central axial leads
■ Base material Cu
■ Hot-dip tinned with pure tin
Delivery mode: Bulk
Dimensional drawings
B82114R*A … (without insulating sleeve)
B82114R*C … (with insulating sleeve)
1) 500 V AC only with insulating sleeve
IND0159-Z-E
15 max.
6.5 max.
Insulated
Insulated
45 10
_
10 0.5
_
45 10
_
IND0160-U-E
15 max.
6.7 max.
Insulated
Insulated
Dimensions in mm
B82114
VHF chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com