Electronic Components Datasheet Search
  English  ▼

X  

B82114 Datasheet(PDF) 4 Page - EPCOS

Part # B82114
Description  Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82114 Datasheet(HTML) 4 Page - EPCOS

  B82114 Datasheet HTML 1Page - EPCOS B82114 Datasheet HTML 2Page - EPCOS B82114 Datasheet HTML 3Page - EPCOS B82114 Datasheet HTML 4Page - EPCOS B82114 Datasheet HTML 5Page - EPCOS B82114 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Impedance |Z| versus frequency f
measured with impedance analyzer
Agilent 4294A, typical values at 20 °C
IND0161-L
f
Hz
Ω
Z
||
1
10
(
(
R*A004/C004
Iv = 250 mA)
= 50 mA)
v
I
10 2
10 3
B82114
9
10
10 8
10 7
10 6
10 5
R*A001/C001
Iv: DC magnetic bias
B82114
VHF chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com