Electronic Components Datasheet Search
  English  ▼

X  

HP04022R2ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # HP04022R2ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

HP04022R2ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  HP04022R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AR-001A
SPECIFICATION FOR APPROVAL
POWER INDUCTOR
SHIELDED SMD
PROD.
NAME
REF : 20090602-A
PAGE: 3
ABC'S DWG No.
ABC'S ITEM No.
( 3 ) Q'TY & G.W. Per package
C
∮
G
( 1 ) Configuration
Ⅵ﹒PACKAGING INFORMATION:
2.0±0.5
T
Carrier tape width : D
※
Embossed carrier
D
Cover Tape
( 2 ) Dimensions
Unit:m/m
R10
P:8 m/m
End
4 m/m
Start
Components
200 m/m min.
400 m/m min.
User direction of feed
no component
Leadr
Trailer
no component
R10
R10
R10
HP0402□□□□L□-□□□
Series
HP0402
Q'TY (pcs)
G.W. (gw)
13 - 12
Style
Inner : Reel
40 x 40 x 24
8.00
G.W. (Kg)
Q'TY (pcs)
26,400
Size (cm)
Outer : Carton
950
3300
A
330
13 - 12
Style
+0
21±0.8
13±0.5
12
14
B
C
DG
-0
50
18.4
NT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com