Electronic Components Datasheet Search
  English  ▼

X  

HP04022R2ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # HP04022R2ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

HP04022R2ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  HP04022R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REF : 20090602-A
PAGE: 1
Ⅰ﹒MECHANICAL DIMENSIONS:
SPECIFICATION FOR APPROVAL
AR-001A
POWER INDUCTOR
NAME
PROD.
SHIELDED SMD
ABC'S ITEM No.
ABC'S DWG No.
HP0402□□□□L□-□□□
( PCB Pattern )
m/m
m/m
E :
1.00 ± 0.3
F :
2.30 typ.
m/m
m/m
m/m
m/m
A :
5.10 ± 0.3
D :
2.00 max.
C :
2.00 typ.
B :
4.50 ± 0.2
( White )
Inductance code
Marking
A
E
G
H
m/m
G :
2.20 typ.
m/m
H :
5.00 typ.
Ⅱ﹒SCHEMATIC DIAGRAM:
a﹒Core:Iron powder
b﹒Wire:Enamelled copper wire
Ⅲ﹒MATERIALS LIST:
2
1
Time ( seconds )
100
0
50
150
200
250
50
100
250
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
+4.0
/ sec max.
℃
Temperature
Rising Area
50sec max.
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
260℃
-(1.0 ~ 5.0)
/ sec max.
℃
Forced Cooling Area
200
/ sec max.
150
+2.0 ~ 4.0℃
70sec max.
230℃
Reflow Area
Peak Temperature:
c﹒Resistance to solder heat:260℃. 10 secs.
a﹒Storage temp.:-55℃ ~ +125℃
b﹒Operating temp .:-55℃ ~ +125℃
( Temp. rise included )
Ⅳ﹒GENERAL SPECIFICATION:
d﹒Remark:Products comply with RoHS'
requirements
c﹒Cilp:Cu / Ni /Sn
a
b
c


Similar Part No. - HP04022R2ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP04022R2M2 ABC-HP04022R2M2 Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - HP04022R2ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com