Electronic Components Datasheet Search
  English  ▼

X  

B85121 Datasheet(PDF) 2 Page - EPCOS

Part # B85121
Description  EMC filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85121 Datasheet(HTML) 2 Page - EPCOS

  B85121 Datasheet HTML 1Page - EPCOS B85121 Datasheet HTML 2Page - EPCOS B85121 Datasheet HTML 3Page - EPCOS B85121 Datasheet HTML 4Page - EPCOS B85121 Datasheet HTML 5Page - EPCOS B85121 Datasheet HTML 6Page - EPCOS B85121 Datasheet HTML 7Page - EPCOS B85121 Datasheet HTML 8Page - EPCOS B85121 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1-line filters
Feedthrough components
Overview of available types
Type
Dia­
meter
mm
Insertion loss in the
frequeny range (Hz)
105
106
107
Feedthrough capacitors
5
B85121A*+160
16
● 16
75 …
440
0.00125 …
1.0
6
B85121A*+250
20
● 25
75 …
440
0.01 …
1.0
8
B85111A*B500
24
● 50
250
0.05
10
B85121A*A250
B85121A*A750
30
● 25,
75
250
0.1 …
1.0
11
B85121A*A630,
A101, A201
55
● 63 …
200
250
0.5 …
4.7
12
Legend
Terminal type:
Axial leads
Threaded studs
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com