Electronic Components Datasheet Search
  English  ▼

X  

B85121 Datasheet(PDF) 5 Page - EPCOS

Part # B85121
Description  EMC filters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B85121 Datasheet(HTML) 5 Page - EPCOS

  B85121 Datasheet HTML 1Page - EPCOS B85121 Datasheet HTML 2Page - EPCOS B85121 Datasheet HTML 3Page - EPCOS B85121 Datasheet HTML 4Page - EPCOS B85121 Datasheet HTML 5Page - EPCOS B85121 Datasheet HTML 6Page - EPCOS B85121 Datasheet HTML 7Page - EPCOS B85121 Datasheet HTML 8Page - EPCOS B85121 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1-line filter components
B85111, B85121
Feedthrough capacitors
Rated voltage 75 to 440 V AC
Rated current 16 to 200 A
Rated capacitance 0.00125 to 4.7
µF
Construction
■ Building-block system
■ MKP technology (dry, self-healing)
Dielectric: polypropylene, metallized
■ Metal case, polyurethane potting (UL 94 V-0)
■ For central screw fixing
Features
■ Compact dimensions
■ High insertion loss
■ Easy to install
■ High contact reliability thanks to central screw fixing
■ Comply with IEC 60384-14
■ UL approval
Applications
Broadband interference suppression
for AC/DC supply lines, e.g. in
■ shielded rooms
■ telephone exchanges, base stations
■ electrical machines and systems
■ power supplies
Terminals
■ Threaded studs
■ Axial leads
Marking
Manufacturer, ordering code, rated capacitance,
rated voltage, rated current, climatic category,
circuit diagram, date of manufacture (MM.YY), approvals
Circuit diagram
SSB1275-J
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com