Electronic Components Datasheet Search
  English  ▼

X  

BY255 Datasheet(PDF) 1 Page - Transys Electronics

Part # BY255
Description  MEDIUM CURRENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

BY255 Datasheet(HTML) 1 Page - Transys Electronics

  BY255 Datasheet HTML 1Page - Transys Electronics BY255 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY251 THRU BY255
MEDIUM CURRENT PLASTIC RECTIFIER
VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes
FEATURES
l
High surge current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
Low leakage
l
Void-free molded in DO-201AD plastic package
l
High current operation of 3 Amperes at TA=95
with no thermal runaway
l
Exceeds environmental standards of MIL-S-19500/228
MECHANICAL DATA
Case: JEDEC DO-201AD Molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.04 ounce, 1.1 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
BY251
BY252
BY253
BY254
BY255
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1300
Volts
Maximum RMS Voltage
VRMS
140
280
420
560
910
Volts
Maximum DC Blocking Voltage
VDC
200
400
600
800
1300
Volts
Maximum Average Forward Rectified
Current .375"(9.5mm) Lead Length at
TA=95
I(AV)
3.0
Amps
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
IFSM
100.0
Amps
Maximum Instantaneous Forward Voltage TJ=25
at 3.0A
TJ=100
VF
1.1
1.0
Volts
Volts
Maximum DC Reverse Current TA=25
at Rated DC Blocking Voltage TA=100
IR
5.0
1000
A
A
Typical Junction capacitance (Note 2) TJ=25
CJ
40
PF
Typical Reverse Recovery Time (Note 3)
TRR
2.5
A
Typical Thermal Resistance (Note 1)
R JA
15.0
/W
Operating Junction Temperature Range
TJ
-50 to +150
Storage Temperature Range
TSTG
-50 to +150
DO-201AD


Similar Part No. - BY255

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY255 PANJIT-BY255 Datasheet
67Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Jinan Gude Electronic D...
BY255 JGD-BY255 Datasheet
144Kb / 2P
3.0 AMP.SILICON RECTIFIERS
logo
Semtech Corporation
BY255 SEMTECH-BY255 Datasheet
99Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Bytes
BY255 BYTES-BY255 Datasheet
150Kb / 2P
3.0 AMP SILICON RECTIFIERS
logo
Dc Components
BY255 DCCOM-BY255 Datasheet
413Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results

Similar Description - BY255

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY251 PANJIT-BY251 Datasheet
67Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
General Semiconductor
GI910 GE-GI910 Datasheet
44Kb / 2P
MEDIUM-SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520 Datasheet
192Kb / 2P
MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
TRA3225 ONSEMI-TRA3225 Datasheet
71Kb / 8P
Medium-Current Silicon Rectifier
October, 2000 ??Rev. 1
logo
Pan Jit International I...
BY251 PANJIT-BY251_04 Datasheet
59Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
BY251 CHENG-YI-BY251 Datasheet
119Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
Pan Jit International I...
BY251 PANJIT-BY251_09 Datasheet
57Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
Vishay Siliconix
GI910 VISHAY-GI910 Datasheet
71Kb / 4P
Medium Switching Plastic Rectifier
10-Nov-09
logo
Shenzhen Yixinwei Techn...
BY255 YIXIN-BY255 Datasheet
143Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
First Silicon Co., Ltd
SB320 FS-SB320 Datasheet
536Kb / 2P
MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com