Electronic Components Datasheet Search
  English  ▼

X  

BY255 Datasheet(PDF) 2 Page - Transys Electronics

Part # BY255
Description  MEDIUM CURRENT PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

BY255 Datasheet(HTML) 2 Page - Transys Electronics

  BY255 Datasheet HTML 1Page - Transys Electronics BY255 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
1.
Thermal Resistance From Junction to applied at Ambient 0.375"(9.5mm) lead length P.C.Board mounted.
2.
Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3.
Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
RATING AND CHARACTERISTIC CURVES BY251 THRU BY255
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-MAXIMUM PEAK FORWARD
SURGE CURRENT
Fig. 3-TYPICAL INSTANTANEOUS FORWARD
Fig. 4-TYPICAL JUNCTION CHARACTERISTICS
CHARACTERISTICS
Fig. 5-TYPICAL REVERSE CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com