Electronic Components Datasheet Search
  English  ▼

X  

SF6018331YL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SF6018331YL
Description  SMD LINE FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF6018331YL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SF6018331YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF6018331YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF6018331YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF6018331YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF6018331YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF6018331YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF6018331YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL CHARACTERISTICS
Ⅴ﹒
:
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
SMD LINE FILTER
AE-001A
20mV/10kHz
Impedance ( E4991A )
RDC ( CH-502AC )
3). Test equipment : Inductance ( HP4284A, 20mV/ 10kHz )
SF6018181YL□
SF6018221YL□
SF6018820YL□
SF6018101YL□
SF6018470YL□
SF6018100YL□
DWG No.
60 Hz
3 mA
1 min.
0.25
180±50%
220±50%
0.28
100±50%
82±50%
0.22
0.20
HI-POT
Test
250 Vac
47±50%
10±50%
0.16
0.24
L(µH)
RDC(N1=N2)
( Ω max. )
RF Impedance
Analyzer
Measuring Circuit :
8.0
10
4.0
8.0
4.0
1.0
SF6018331YL□
330±50%
0.30
10
(µH max.)
L-L
||
Impedance
Freq. range
MHz
min(Ω)
3~250
3~210
3~660
3~850
4~1600
350~570
3~120
500
600
260
220
140
600
900
4). Nominal voltage : 60Vdc
5). Rated current : 300 mA ( Base on series both winding.)
SPECIFICATION FOR APPROVAL
□
□
2)."-
":Reference code
□
1). □ Packaging information … A Bulk B Taping Reel
::
:
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SF6018□□□□L□-□□□
Impedance CURVE
10
100
1000
10000
0.1
1
10
100
1000
Frequency (MHz)
100
470
820
101
181
221
331



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com