Electronic Components Datasheet Search
  English  ▼

X  

SF6018331YL Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SF6018331YL
Description  SMD LINE FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF6018331YL Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SF6018331YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF6018331YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF6018331YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF6018331YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF6018331YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF6018331YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF6018331YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
and parts of end-product devices and appliances, where the acceptability of the combination is determined by ULI.
UL 94 small-scale test data is intended solely for determining the flammability of plastic materials used in components
UL94 small-scale test data does not pertain to building materials, furnishings and related contents.
Underwriters Laboratories Inc
ISO Izod Impact (kJ/m ): -
ISO Flexural Strength (MPa): -
Volume Resistivity (10 ohm-cm): -
HWI
Product Description: Diallyl Phthalate ( DAP ), molding compound, furnished as pellets.
10TH FL 235 CHUNG CHENG 4TH RD KAOHSIUNG TAIWAN
Friday , October 24, 2003
ISO Tensile Impact (kJ/m ): -
ISO Tensile Strength (MPa): -
0.82
0.37
Dielectric Strength (kV/m/m): -
Min. Thick. (m/m)
Material Designation:
WAH HONG INDUSTRIAL CORP
QMFZ2 Component - Plastics
Report Date: 8/18/1998
BK
CTI: 0
Color
BK
2
HVTR: 0
V-0
Class
Flame
V-0
ISO Charpy Impact (kJ/m ): -
Dimensional Stability (%): -
IEC Ball Pressure ( ): -
℃
IEC GWFI
130
130
Str
RTI
D495: 4
130
2
x
2
0
R
130
130
Elec
RTI
HAI
03
130
Imp
RTI
ISO Heat Deflection ( ): -
℃
2
IEC GWIT
E150608
SMD LINE FILTER
SF6018□□□□L□-□□□
PAGE: 7
ABC'S DWG NO.
ABC'S ITEM NO.
NAME
PROD.
REF :
SPECIFICATION FOR APPROVAL
AE-001A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com