Electronic Components Datasheet Search
  English  ▼

X  

B43004 Datasheet(PDF) 14 Page - EPCOS

Part # B43004
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43004 Datasheet(HTML) 14 Page - EPCOS

Back Button B43004 Datasheet HTML 10Page - EPCOS B43004 Datasheet HTML 11Page - EPCOS B43004 Datasheet HTML 12Page - EPCOS B43004 Datasheet HTML 13Page - EPCOS B43004 Datasheet HTML 14Page - EPCOS B43004 Datasheet HTML 15Page - EPCOS B43004 Datasheet HTML 16Page - EPCOS B43004 Datasheet HTML 17Page - EPCOS B43004 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Single-ended capacitors
B41004, B43004
Low impedance – 85
°C
14 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes B43004
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
100 kHz
85
°C
mA
Ordering code
(composition see
below)
160
0.47
6.3
× 11
16
B43004A1474M***
0.68
6.3
× 11
20
B43004A1684M***
16.3
× 11
24
B43004A1105M***
1.5
6.3
× 11
30
B43004A1155M***
2.2
6.3
× 11
37
B43004A1225M***
3.3
8
× 11.5
45
B43004A1335M***
4.7
8
× 11.5
55
B43004A1475M***
6.8
10
× 12.5
60
B43004A1685M***
10
10
× 12.5
85
B43004A1106M***
15
10
× 16
120
B43004A1156M***
22
10
× 20
160
B43004A1226M***
33
12.5
× 20
210
B43004A1336M***
47
12.5
× 25
270
B43004A1476M***
68
16
× 25
320
B43004A1686M***
100
16
× 31.5
430
B43004A1107M***
150
16
× 35.5
550
B43004A1157M***
220
18
× 35.5
790
B43004A1227M***
330
18
× 40
950
B43004A1337M***
200
0.47
6.3
× 11
16
B43004A2474M***
0.68
6.3
× 11
20
B43004A2684M***
16.3
× 11
24
B43004A2105M***
1.5
6.3
× 11
30
B43004A2155M***
2.2
6.3
× 11
37
B43004A2225M***
3.3
8
× 11.5
45
B43004A2335M***
4.7
10
× 12.5
60
B43004A2475M***
6.8
10
× 16
80
B43004A2685M***
10
10
× 16
100
B43004A2106M***
15
10
× 20
130
B43004A2156M***
22
12.5
× 20
170
B43004A2226M***
33
12.5
× 25
230
B43004A2336M***
47
12.5
× 25
270
B43004A2476M***
68
16
× 31.5
355
B43004A2686M***
100
16
× 31.5
450
B43004A2107M***
150
18
× 35.5
640
B43004A2157M***
220
18
× 40
800
B43004A2227M***



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com