Electronic Components Datasheet Search
  English  ▼

X  

B43004 Datasheet(PDF) 16 Page - EPCOS

Part # B43004
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43004 Datasheet(HTML) 16 Page - EPCOS

Back Button B43004 Datasheet HTML 12Page - EPCOS B43004 Datasheet HTML 13Page - EPCOS B43004 Datasheet HTML 14Page - EPCOS B43004 Datasheet HTML 15Page - EPCOS B43004 Datasheet HTML 16Page - EPCOS B43004 Datasheet HTML 17Page - EPCOS B43004 Datasheet HTML 18Page - EPCOS B43004 Datasheet HTML 19Page - EPCOS B43004 Datasheet HTML 20Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Single-ended capacitors
B41004, B43004
Low impedance – 85
°C
16 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes B43004
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
100 kHz
85
°C
mA
Ordering code
(composition see
below)
400
1
8
× 11.5
25
B43004A9105M***
1.5
10
× 12.5
35
B43004A9155M***
2.2
10
× 12.5
43
B43004A9225M***
3.3
10
× 16
58
B43004A9335M***
4.7
10
× 20
70
B43004A9475M***
6.8
12.5
× 25
100
B43004A9685M***
10
12.5
× 25
120
B43004A9106M***
15
16
× 25
130
B43004A9156M***
22
16
× 31.5
200
B43004A9226M***
33
16
× 31.5
240
B43004A9336M***
47
18
× 35.5
320
B43004A9476M***
450
1
10
× 12.5
20
B43004A5105M***
1.5
10
× 16
30
B43004A5155M***
2.2
10
× 16
38
B43004A5225M***
3.3
10
× 20
45
B43004A5335M***
4.7
12.5
× 20
60
B43004A5475M***
6.8
12.5
× 25
82
B43004A5685M***
10
12.5
× 25
105
B43004A5106M***
15
16
× 31.5
150
B43004A5156M***
22
16
× 31.5
160
B43004A5226M***
33
18
× 35.5
235
B43004A5336M***



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com