Electronic Components Datasheet Search
  English  ▼

X  

B41863 Datasheet(PDF) 17 Page - EPCOS

Part # B41863
Description  Aluminum electrolytic capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41863 Datasheet(HTML) 17 Page - EPCOS

Back Button B41863 Datasheet HTML 13Page - EPCOS B41863 Datasheet HTML 14Page - EPCOS B41863 Datasheet HTML 15Page - EPCOS B41863 Datasheet HTML 16Page - EPCOS B41863 Datasheet HTML 17Page - EPCOS B41863 Datasheet HTML 18Page - EPCOS B41863 Datasheet HTML 19Page - EPCOS B41863 Datasheet HTML 20Page - EPCOS B41863 Datasheet HTML 21Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
PAPR leads (Protection Against Polarity Reversal)
These lead configurations ensure correct placement of the capacitor on the PCB with regard to
polarity. PAPR leads are available for diameters from 10 mm up to 20 mm.
There are three configurations available: Crimped leads, J leads, bent 90
° leads
Crimped leads
Last 3 digits of ordering code: 003
With stand-off rubber seal
With flat rubber seal
Suggestion for PCB hole diameter
Case size
Dimensions (mm)
d
× l (mm)
B
±0.2
C
±0.5
D
±0.1
E
±0.1
a
±0.5
∅b
16
× 20
1.5
3.0
1.3
0.3
7.5
0.8
±0.05
16
× 25
1.5
3.0
1.3
0.3
7.5
0.8
±0.05
16
× 31.5
1.5
3.0
1.3
0.3
7.5
0.8
±0.05
18
× 20
1.5
3.0
1.3
0.3
7.5
0.8
±0.1
18
× 25
1.5
3.0
1.3
0.3
7.5
0.8
±0.1
18
× 31.5
1.5
3.0
1.3
0.3
7.5
0.8
±0.1
18
× 35
1.5
3.0
1.3
0.3
7.5
0.8
±0.1
18
× 40
1.5
3.0
1.3
0.3
7.5
0.8
±0.1
20
× 20
1.5
3.0
1.6
0.3
10.0
1.0
±0.1
20
× 25
1.5
3.0
1.6
0.3
10.0
1.0
±0.1
20
× 30
1.5
3.0
1.6
0.3
10.0
1.0
±0.1
20
× 35
1.5
3.0
1.6
0.3
10.0
1.0
±0.1
20
× 40
1.5
3.0
1.6
0.3
10.0
1.0
±0.1
B41853, B41863
For airbag applications
105
°C
Page 17 of 27
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com