Electronic Components Datasheet Search
  English  ▼

X  

B41863 Datasheet(PDF) 4 Page - EPCOS

Part # B41863
Description  Aluminum electrolytic capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41863 Datasheet(HTML) 4 Page - EPCOS

  B41863 Datasheet HTML 1Page - EPCOS B41863 Datasheet HTML 2Page - EPCOS B41863 Datasheet HTML 3Page - EPCOS B41863 Datasheet HTML 4Page - EPCOS B41863 Datasheet HTML 5Page - EPCOS B41863 Datasheet HTML 6Page - EPCOS B41863 Datasheet HTML 7Page - EPCOS B41863 Datasheet HTML 8Page - EPCOS B41863 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Addendum 1:
B41853, charge and discharge test specification
25 V
35 V
tC = tD = 2s
R1
2
Ω
2.8
Ω
R2
25
Ω
35
Ω
Duration: 2000 h
Temperature: thermal cycling -40/85
°C acc. to AEC-Q200 specification
Higher resistances (R1 and R2) and longer test periods (tC and tD) are allowed when respecting
the temperatures and the total test duration specified above
For any other requirement condition, please contact your nearest EPCOS representation
B41853, B41863
For airbag applications
105
°C
Page 4 of 27
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com