Electronic Components Datasheet Search
  English  ▼

X  

SQ4532150ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SQ4532150ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ4532150ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SQ4532150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ4532150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ4532150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ4532150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ4532150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ4532150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SQ4532150ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPECIFICATION FOR APPROVAL
PACKAGING INFORMATION
Ⅶ﹒
:
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 4
PROD.
NAME
Outer : Carton
G.W. (Kg)
2000
Q'TY (pcs)
500
( 3 ) Q'TY & G.W. Per package
330
13 - 12
Series
SQ4532
SQ4532
( 2 ) Dimensions
Style
07 - 12
178
A
12
13
21±0.8
13 - 04
Style
07 - 12
G.W. (gw)
130
540
Inner : Reel
16,000
20,000
Q'TY (pcs)
13
21±0.8
BC
12
D
18.4
50
14
40 x 40 x 24
Size (cm)
AE-001A
User direction of feed
Components
200 m/m min.
Leader
no component
400 m/m min.
no component
Trailer
Start
End
Carrier tape width : D
※
C
∮
G
2.0±0.5
( 1 ) Configuration
T
Embossed carrier
D
SMD POWER INDUCTOR
42 x 41 x 24
7.20
6.50
+0
+0
14
G
50-0
-0
N
16.5
T
Unit:m/m
P:8 m/m
4 m/m
Cover tape
SQ4532□□□□L□-□□□



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com