Electronic Components Datasheet Search
  English  ▼

X  

SQ4532150ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SQ4532150ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ4532150ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SQ4532150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ4532150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ4532150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ4532150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ4532150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ4532150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SQ4532150ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
A
B
E
D
E
G : 5.40 ref.
m/m
I : 2.00 ref.
H : 3.60 ref.
m/m
m/m
K : 1.40 ref.
m/m
PCB Pattern
()
d Rated current (Irms)
﹒:
e Resistance to solder heat 260 .10 secs.
﹒:
℃
a Temp. rese
20
max.
﹒: ℃
b Storage temp. -40
----+125
﹒:
℃
℃
c Operating temp. -25 ----+105
﹒:
℃
℃
G
I
K
I
F : 2.00 ref.
m/m
F
Current cause inductance drop within 10%
Max time above 230
50sec max.
℃:
Max time above 200
70sec max.
℃:
Temperature
Peak Temp 260
max.
:℃
50sec max.
100
0
50
50
150
250
200
Time ( seconds )
100
150
70sec max.
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
Rising Area
+4.0
/ sec max.
℃
/ sec max.
+2.0 ~ 4.0℃
Reflow Area
Peak Temperature:
250
200
230
℃
260
℃
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
℃
Inductance code
Marking
AE-001A
1 0 0
or
SPECIFICATION FOR APPROVAL
A : 4.50±0.30
REF :
PAGE: 1
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
B : 3.20±0.30
C : 2.60±0.30
D : 1.30 typ.
E : 1.60 ref.
MECHANICAL DIMENSIONS
Ⅰ﹒
:
SCHEMATIC DIAGRAM
Ⅱ﹒
:
m/m
m/m
m/m
m/m
m/m
GENERAL SPECIFICATION
Ⅳ﹒
:
aCoreFerrite core
﹒:
b Wire Enamelled copper wire (class F)
﹒:
cTerminalAg/Ni/Sn
﹒:
MATERIALS LIST
Ⅲ﹒
:
c
b
a
SMD POWER INDUCTOR
d Remark Products comply with RoHS'
﹒:
requirements
SQ4532□□□□L□-□□□


Similar Part No. - SQ4532150ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ4532150M2 ABC-SQ4532150M2 Datasheet
491Kb / 6P
SMD POWER INDUCTOR
More results

Similar Description - SQ4532150ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com