Electronic Components Datasheet Search
  English  ▼

X  

B57891M Datasheet(PDF) 13 Page - EPCOS

Part # B57891M
Description  NTC thermistors for temperature measurement
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57891M Datasheet(HTML) 13 Page - EPCOS

Back Button B57891M Datasheet HTML 9Page - EPCOS B57891M Datasheet HTML 10Page - EPCOS B57891M Datasheet HTML 11Page - EPCOS B57891M Datasheet HTML 12Page - EPCOS B57891M Datasheet HTML 13Page - EPCOS B57891M Datasheet HTML 14Page - EPCOS B57891M Datasheet HTML 15Page - EPCOS B57891M Datasheet HTML 16Page - EPCOS B57891M Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Types of packing
Ammo packing
Ammo
type
x
y
z
I
80
240
210
Packing unit: 1000 - 2000 pcs./reel
Reel packing
Packing unit: 1000 - 2000 pcs./reel
Reel dimensions (in mm)
Reel type
d
f
n
w
I
360 max.
31
±1
approx. 45
54 max.
II
500 max.
23
±1
approx. 59
72 max.
Temperature measurement and compensation
B57891M
Leaded NTC thermistors, lead spacing 2.5 mm
M891
Page 13 of 23
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com