Electronic Components Datasheet Search
  English  ▼

X  

B57891M Datasheet(PDF) 21 Page - EPCOS

Part # B57891M
Description  NTC thermistors for temperature measurement
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57891M Datasheet(HTML) 21 Page - EPCOS

Back Button B57891M Datasheet HTML 15Page - EPCOS B57891M Datasheet HTML 16Page - EPCOS B57891M Datasheet HTML 17Page - EPCOS B57891M Datasheet HTML 18Page - EPCOS B57891M Datasheet HTML 19Page - EPCOS B57891M Datasheet HTML 20Page - EPCOS B57891M Datasheet HTML 21Page - EPCOS B57891M Datasheet HTML 22Page - EPCOS B57891M Datasheet HTML 23Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Symbols and terms
Symbol
English
German
A
Area
Fläche
AWG
American Wire Gauge
Amerikanische Norm für Drahtquerschnitte
B
B value
B-Wert
B25/100
B value determined by resistance
measurement at 25
°C and 100 °C
B-Wert, ermittelt durch Widerstands-
messungen bei 25
°C und 100 °C
Cth
Heat capacitance
Wärmekapazität
I
Current
Strom
N
Number (integer)
Anzahl (ganzzahliger Wert)
P25
Maximum power at 25
°C
Maximale Leistung bei 25
°C
Pdiss
Power dissipation
Verlustleistung
Pel
Electrical power
Elektrische Leistung
Pmax
Maximum power within stated
temperature range
Maximale Leistung im
angegebenenTemperaturbereich
∆R
B/RB
Resistance tolerance caused by
spread of B value
Widerstandstoleranz, die durch die
Streuung des B-Wertes verursacht wird
Rins
Insulation resistance
Isolationswiderstand
RP
Parallel resistance
Parallelwiderstand
RR
Rated resistance
Nennwiderstand
∆R
R/RR
Resistance tolerance
Widerstandstoleranz
RS
Series resistance
Serienwiderstand
RT
Resistance at temperature T
(e.g. R25 = resistance at 25
°C)
Widerstand bei Temperatur T
(z.B. R25 = Widerstand bei 25
°C)
T
Temperature
Temperatur
∆T
Temperature tolerance
Temperaturtoleranz
t
Time
Zeit
TA
Ambient temperature
Umgebungstemperatur
Tmax
Upper category temperature
Obere Grenztemperatur
(Kategorietemperatur)
Tmin
Lower category temperature
Untere Grenztemperatur
(Kategorietemperatur)
Top
Operating temperature
Betriebstemperatur
TR
Rated temperature
Nenntemperatur
Tsurf
Surface temperature
Oberflächentemperatur
V
Voltage
Spannung
Vins
Insulation test voltage
Isolationsprüfspannung
Vop
Operating voltage
Betriebsspannung
Vtest
Test voltage
Prüfspannung
Temperature measurement and compensation
B57891M
Leaded NTC thermistors, lead spacing 2.5 mm
M891
Page 21 of 23
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com