Electronic Components Datasheet Search
  English  ▼

X  

MAX4145EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4145EEE
Description  High-Speed, Low-Distortion, Differential Line Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4145EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4145EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
High-Speed, Low-Distortion,
Differential Line Receivers
10
______________________________________________________________________________________
Pin Description
________________Detailed Description
The MAX4144/MAX4145/MAX4146 are low-distortion,
differential line receivers that feature high bandwidths
and excellent common-mode rejection, making them
ideal for balanced, high-speed data transmission sys-
tems.
The MAX4144 has a preset gain of +2V/V and achieves
a 130MHz -3dB bandwidth, a 1000V/µs slew rate, and
common-mode rejection (CMR) of 70dB at 10MHz. The
MAX4145 and MAX4146 use a single external resistor to
set the closed-loop gain from +1V/V to +10V/V for the
MAX4145, or greater than +10V/V for the MAX4146. The
MAX4145 achieves a -3dB bandwidth of 180MHz, a
slew rate of 600V/µs, and CMR of 75dB at 10MHz when
operating in the unity-gain configuration. The MAX4146
attains a -3dB bandwidth of 70MHz, a slew rate of
800V/µs, and CMR of 90dB at 10MHz when operating
with a closed-loop gain of +10V/V.
Differential inputs make the MAX4144/MAX4145/
MAX4146 ideal for applications with high common-
mode noise, such as receiving T1 or xDSL transmis-
sions over a twisted-pair cable. Excellent differential
gain and phase, along with low noise, also suit them to
video applications and RF signal processing.
For a complete differential transmission link, use the
MAX4144/MAX4145/MAX4146 amplifiers with the
MAX4147 line driver, as shown in the
Typical Applica-
tion Circuit.
___________Applications Information
Grounding, Bypassing,
and PC Board Layout
Adhere to the following high-frequency design tech-
niques when designing the PC board for the
MAX4144/MAX4145/MAX4146.
• The printed circuit board should have at least two
layers: the signal layer and the ground plane.
• Do not use wire-wrap boards—they are too
inductive.
FUNCTION
NAME
9
11
13
4
5
6
8, 14
3
10, 12
2
1, 7
PIN
Output Reference. Connect to ground for
normal operation.
REF
9
Output
OUT
11
Output Sense. Connect to OUT close to
the pin for normal operation.
SENSE
13
Logic Input for Shutdown Circuitry. A logic
low enables the amplifier. A logic high
disables the amplifier.
SHDN
4
Noninverting Input for Gain-Set Resistor
RG+
—
Noninverting Input
IN+
6
Positive Power Supply
VCC
8, 14
Inverting Input for Gain-Set Resistor
RG-
—
No Connect. Not internally connected.
N.C.
3, 5, 10,
12
Inverting Input
IN-
2
Negative Power Supply
VEE
1, 7
9
11
13
4
5
6
8, 14
3
10, 12
2
1, 7
MAX4146
MAX4144
MAX4145
14 SO
14 SO
14 SO
16 QSOP
16 QSOP
16 QSOP
1, 7
2
3, 5, 8, 9,
12,14
1, 7
2
8, 9, 12,
14
1, 7
2
8, 9, 12,
14
3
3
—
4
4
4
—
5
5
6
6
6
10, 16
10, 16
10, 16
11
11
11
13
13
13
15
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com