Electronic Components Datasheet Search
  English  ▼

X  

MAX4145EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4145EEE
Description  High-Speed, Low-Distortion, Differential Line Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4145EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4145EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4145EEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
High-Speed, Low-Distortion,
Differential Line Receivers
______________________________________________________________________________________
11
• Do not use IC sockets—they increase parasitic
capacitance and inductance.
• Use surface-mount power-supply bypass capacitors
instead of through-hole capacitors. Their shorter
lead lengths reduce parasitic inductance, leading to
superior high-frequency performance.
• Keep signal lines as short and as straight as possi-
ble. Do not make 90° turns; round all corners.
• The ground plane should be as free from voids as
possible.
Output Short-Circuit Protection
Under short-circuit conditions to ground, limit the out-
put current to 120mA. This level is low enough that a
short to ground of moderate duration will not cause per-
manent damage to the chip. However, a short to either
supply will significantly increase power dissipation, and
will cause permanent damage. The high output current
capability is an advantage in systems that transmit a
signal to several loads.
Input Protection Circuitry
The MAX4144/MAX4145/MAX4146 include internal pro-
tection circuitry that prevents damage to the precision
input stage from large differential input voltages. This
protection circuitry consists of five back-to-back
Schottky protection diodes between IN+ and RG+, and
IN- and RG- (Figure 1). The diodes limit the differential
voltage applied to the amplifiers’ internal circuitry to no
more than 10VF, where VF is the diode’s forward volt-
age drop (about 0.4V at +25°C).
For a large differential input voltage (exceeding 4V), the
MAX4145/MAX4146 input bias current (at IN+ and IN-)
increases according to the following equation:
The MAX4144 has an internal gain-setting resistor val-
ued at 1.4kΩ. A differential input voltage as high as 10V
will cause only 4.3mA to flow—much less than the
10mA absolute maximum rating. However, in the
MAX4145/MAX4146, RG can be as low as 150Ω. Under
this condition, the absolute maximum input current rat-
ing might be exceeded if the differential input voltage
exceeds 5.5V (10mA x 150Ω + 10VF). In that case,
510Ω resistors can be placed at IN+ and IN- to limit the
current without degrading performance.
Shutdown Mode
The MAX4144/MAX4145/MAX4146 can be put into low-
power shutdown mode by bringing SHDN high. The
amplifier output is high impedance in this mode; thus
the impedance at OUT is that of the feedback resistors
(1.4kΩ).
Setting Gain (MAX4145/MAX4146)
The MAX4145/MAX4146 ’s gain is determined by a sin-
gle external resistor, RG. The optimal gain range is from
+1V/V to +10V/V for the MAX4145 and +10V/V (RG =
open) to +100V/V for the MAX4146. The gain (in V/V) is
given in the following equations:
Input Current =
V
- V
- 10V
R
IN+
IN-
F
G
()
1.4k
IN+
IN-
IN+
IN-
RG-
RG+
MAX4144
MAX4145
MAX4146
Figure 1. Input Protection Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com