Electronic Components Datasheet Search
  English  ▼

X  

MAX4146EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4146EEE
Description  High-Speed, Low-Distortion, Differential Line Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4146EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4146EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4146EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
High-Speed, Low-Distortion,
Differential Line Receivers
______________________________________________________________________________________
13
which appears inductive at high frequencies. This
inductance forms an L-C resonant circuit with the
capacitive load, which causes peaking in the frequency
response and degrades the amplifier’s phase margin.
The MAX4144/MAX4145/MAX4146 drive capacitive
loads up to 25pF without oscillation. However, some
peaking may occur in the frequency domain (Figure 4).
To drive larger capacitance and reduce ringing, add an
isolation resistor (RISO) between the amplifier’s output
and the load (Figure 5).
The value of RISO depends on the circuit’s gain and the
capacitive load (Figures 6 and 7). With higher capaci-
tive values, bandwidth is dominated by the RC network
formed by RISO and CL; the bandwidth of the amplifier
itself is much higher. Also note that the isolation resistor
forms a divider that decreases the voltage delivered to
the load.
Twisted-Pair Line Receiver
The MAX4144/MAX4145/MAX4146 are well suited as
receivers in twisted-pair xDSL or NTSC/PAL video
applications. The standard 24AWG telephone wire
widely used in these applications is a lossy medium for
high-frequency signals. The losses in NTSC video
applications are almost 15dB per 1000 feet (Figure 8).
4
0
8
6
CAPACITIVE LOAD (pF)
200
16
18
12
10
14
50
150
250
20
100
AV = 10V/V
Figure 6. MAX4144 Isolation Resistance vs. Capacitve Load
0
0
5
CAPACITIVE LOAD (pF)
200
25
15
10
20
50
150
250
30
100
Figure 7. MAX4145/MAX4146 Isolation Resistance vs.
Capacitive Load
RLOAD
CLOAD
RISO
OUT
MAX4144
MAX4145
MAX4146
Figure 5. Addition of RISO to Amplifier Output
15
-35
-30
-25
10k
1M
10M
-20
-15
-10
-5
0
5
10
100k
FREQUENCY (Hz)
Figure 8. 1000 Feet of AWG24 Twisted-Pair Telephone Cable
(Gain vs. Frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com